Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 484 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 484 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 480Page - Renesas Technology Corp 7721 Datasheet HTML 481Page - Renesas Technology Corp 7721 Datasheet HTML 482Page - Renesas Technology Corp 7721 Datasheet HTML 483Page - Renesas Technology Corp 7721 Datasheet HTML 484Page - Renesas Technology Corp 7721 Datasheet HTML 485Page - Renesas Technology Corp 7721 Datasheet HTML 486Page - Renesas Technology Corp 7721 Datasheet HTML 487Page - Renesas Technology Corp 7721 Datasheet HTML 488Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–21
One-shot pulse mode
b7
b0
b7
b0
(b15)
(b8)
Timer A2 register (Addresses 4B16, 4A16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A4 register (Addresses 4F16, 4E16)
RW
15 to 0 These bits can be set to “000116” to “FFFF16.”
Assuming that the set value = n, the “H” level
width of the one-shot pulse output from the
TAjOUT pin is expressed as follows :
Undefined
fi: Frequency of count source (f2 , f16, f64, or f512)
WO
Trigger select bits
Fix this bit to “1” in one-shot pulse mode.
1
Bit name
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Timer Aj mode register (j = 2 to 4) (Addresses 5816 to 5A16)
1 0 : One-shot pulse mode
7
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Count source select bits
b1 b0
b4 b3
Fix this bit to “0” in one-shot pulse mode.
10
1
0 0 : Writing “1” to one-shot start register
0 1 : (TAjIN pin functions as a prog-
rammable I/O port.)
1 0 : Falling edge of TAjIN pin’s input signal
1 1 : Rising edge of TAjIN pin’s input signal
Bit
At reset
0
0
0
0
0
0
0
0
RW
0
4
0
2
3
5
6
RW
RW
RW
RW
RW
RW
RW
RW
Operating mode select bits
n
fi.
Note: Use the LDM or STA instruction for writing to this register.
Read from or write to this register in a unit of 16 bits.
Bit
Functions
At reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com