Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 482Page - Renesas Technology Corp 7721 Datasheet HTML 483Page - Renesas Technology Corp 7721 Datasheet HTML 484Page - Renesas Technology Corp 7721 Datasheet HTML 485Page - Renesas Technology Corp 7721 Datasheet HTML 486Page - Renesas Technology Corp 7721 Datasheet HTML 487Page - Renesas Technology Corp 7721 Datasheet HTML 488Page - Renesas Technology Corp 7721 Datasheet HTML 489Page - Renesas Technology Corp 7721 Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–23
Timer Bi register
b7
b0 b7
b0
(b15)
(b8)
Timer B0 register (Addresses 5116, 5016)
Timer B1 register (Addresses 5316, 5216)
Timer B2 register (Addresses 5516, 5416)
Functions
Bit
At reset
RW
15 to 0 These bits have different functions according
to the operating mode.
Undefined
RW
(Note 1)
Notes 1: The access characteristics for the timer B0 register and timer
B1 register differ according to Timer B’s operating mode.
2: Read from or write to this register in a unit of 16 bits.
Timer Bi mode register
Nothing is assigned.
These bits have different functions according to the operating mode.
1
Operating mode select bits
Bit name
Functions
b7 b6
b5 b4
b3 b2 b1 b0
Timer Bi mode register (i = 0 to 2) (Addresses 5B16 to 5D16)
0 0 : Timer mode
0 1 : Event counter mode
1 0 : Pulse period/Pulse width
measurement mode
1 1 : Do not select.
b1 b0
Bit
5
At reset
RW
0
2
0
RW
RW
RW
6
7
Note: Bit 5 is invalid in the timer and event counter modes; its value is undefined at reading.
3
0
0
RW
0
–
Undefined
4
RO
(Note)
Undefined
RW
0
RW
0
These bits have different functions according to the operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com