Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 467 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 467 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 463Page - Renesas Technology Corp 7721 Datasheet HTML 464Page - Renesas Technology Corp 7721 Datasheet HTML 465Page - Renesas Technology Corp 7721 Datasheet HTML 466Page - Renesas Technology Corp 7721 Datasheet HTML 467Page - Renesas Technology Corp 7721 Datasheet HTML 468Page - Renesas Technology Corp 7721 Datasheet HTML 469Page - Renesas Technology Corp 7721 Datasheet HTML 470Page - Renesas Technology Corp 7721 Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 577 page
background image
APPENDIX
Appendix 2. Memory assignment in SFR area
7721 Group User’s Manual
17–4
0 : “0” immediately after reset.
1 : “1” immediately after reset.
? : Undefined immediately after
reset.
: Always “0” at reading.
0
0
: Always undefined at reading.
: “0” immediately after reset. Fix this bit to “0.”
: It is possible to read the bit state at reading. The written value becomes valid.
: It is possible to read the bit state at reading. The written value becomes invalid.
: The written value becomes valid. It is impossible to read the bit state.
: Nothing is assigned. It is impossible to read the bit state. The written value becomes invalid.
RW
RO
WO
?
0
: Always “1” at reading.
1
Access characteristics
State immediately after a reset
UART0 transmit/receive control register 0
UART0 transmit/receive mode register
UART0 baud rate register
UART0 transmit buffer register
UART1 receive buffer register
Register name
UART0 transmit/receive control register 1
UART0 receive buffer register
UART1 transmit/receive mode register
UART1 baud rate register
UART1 transmit buffer register
UART1 transmit/receive control register 0
UART1 transmit/receive control register 1
3016
3116
3216
3316
3416
3516
3616
3716
3816
3916
3A16
3B16
3C16
3D16
3E16
2816
2916
2B16
2C16
2D16
2E16
2F16
2A16
2016
2116
2216
2316
2416
2516
2616
2716
3F16
Address
Access characteristics
RW
WO
WO
RO
RO
b7
b0
WO
RW
RO
RO
RO
RW
RW
RO
RO
RW
WO
WO
WO
RW
RO
RW
RW
State immediately after reset
1
00
0
0016
0
00
0
00
0
?
b7
b0
0016
00
0
0
0
0
1
0
00
0
0
0
0
0
1
00
0
00
0
0
0
0
1
0
?
?
?
?
?
?
?
?
?
?
?
A-D register 5
A-D register 1
A-D register 3
A-D register 2
A-D register 4
A-D register 0
A-D register 6
A-D register 7
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
??
?
?
??
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com