Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 462 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 458Page - Renesas Technology Corp 7721 Datasheet HTML 459Page - Renesas Technology Corp 7721 Datasheet HTML 460Page - Renesas Technology Corp 7721 Datasheet HTML 461Page - Renesas Technology Corp 7721 Datasheet HTML 462Page - Renesas Technology Corp 7721 Datasheet HTML 463Page - Renesas Technology Corp 7721 Datasheet HTML 464Page - Renesas Technology Corp 7721 Datasheet HTML 465Page - Renesas Technology Corp 7721 Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–59
16.3 Comparison of sample program execution rate
Figure 16.3.3 shows that there is almost no difference between conditions Œ and  about the execution
time. The bus buffers become unnecessary when using the specified memory. (Refer to “Table 16.1.6.”)
Considering this, the case where software Wait is inserted with f(XIN) = 20 MHz (condition Œ) is superior
in the cost performance.
1.10
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.00
Work area = Internal RAM
1.00
1.04
1.00
1.01
1.10
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.00
Sample B excution time ratio
1.00
1.05
1.00
1.03
: Condition 
: Condition Œ
Work area = External RAM
Work area = Internal RAM Work area = External RAM
Sample A excution time ratio
Fig. 16.3.3 Execution time ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com