Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 458 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 458 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 454Page - Renesas Technology Corp 7721 Datasheet HTML 455Page - Renesas Technology Corp 7721 Datasheet HTML 456Page - Renesas Technology Corp 7721 Datasheet HTML 457Page - Renesas Technology Corp 7721 Datasheet HTML 458Page - Renesas Technology Corp 7721 Datasheet HTML 459Page - Renesas Technology Corp 7721 Datasheet HTML 460Page - Renesas Technology Corp 7721 Datasheet HTML 461Page - Renesas Technology Corp 7721 Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–55
16.2 Examples of using DMA controller
b7
b0
DMA3 enabled
1
b7
b0
1
b7
b0
DMA3 request bit : “0”
0
Digit switch interval
b15
b0
b8 b7
b7
b0
Port P6 register (Address E16)
Output : L level (Lights go out.)
00
00
0000
b7
b0
00
00
000
0
b7
b0
Output mode
11
1
1
111
1
b7
b0
11
1
1
111
1
b7
b0
Timer mode
Count source
00
b7
b0
Interrupt disabled
000
Port P7 register (Address F16)
Output : L level (All digits OFF)
Port P6 direction register (Address 1016)
Port P7 direction register (Address 1116)
Output mode
Timer B0 register (Addresses 5116, 5016)
!! !
Timer B0 mode register (Address 5B16)
Timer B0 interrupt control register (Address 7A16)
Count start register (Address 4016)
Timer B0 count started
DMAC control register L (Address 6816)
DMAC control register H (Address 6916)
! : It may be “0” or “1.”
Fig. 16.2.13 Initial setting example for relevant register (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com