Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 454 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 454 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 450Page - Renesas Technology Corp 7721 Datasheet HTML 451Page - Renesas Technology Corp 7721 Datasheet HTML 452Page - Renesas Technology Corp 7721 Datasheet HTML 453Page - Renesas Technology Corp 7721 Datasheet HTML 454Page - Renesas Technology Corp 7721 Datasheet HTML 455Page - Renesas Technology Corp 7721 Datasheet HTML 456Page - Renesas Technology Corp 7721 Datasheet HTML 457Page - Renesas Technology Corp 7721 Datasheet HTML 458Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–51
16.2 Examples of using DMA controller
b7
b0
DMA2 mode register L (Address 1FEC16)
Transfer unit : 16 bits
2-bus cycle transfer
Cycle-steal transfer mode
Transfer source address direction : At slow up; “012” (Forward)
At slow down; “102” (Backward)
Transfer destination address direction : Fixed
0
0
00
01
b7
b0
DMA2 mode register H (Address 1FED16)
Transfer source Wait
No transfer destination Wait
Single transfer mode
! 0
001000
Source address register 2 (Addresses 1FE216 to 1FE016)
Timer A0 set value data table’s start address
b23
b0
b16 b15
b8 b7
Timer A0 register’s address
b23
b0
b16 b15
b8 b7
0016
0016
4616
b23
b0
b16 b15
b8 b7
b7
b0
DMA2 control register (Address 1FEE16)
DMA request source : Timer A0
DMAACK2 pin : Invalid
1
1
0
000
b7
b0
DMA2 interrupt control register (Address 6E16)
Interrupt priority level : any of “0012” to “1112”
0
Destination address register 2 (Addresses 1FE616 to 1FE416)
Transfer counter register 2 (Addresses 1FEA16 to 1FE816)
Data number of Timer A0 set value data table
! : It may be “0” or “1.”
Fig. 16.2.9 Initial setting example for relevant register (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com