Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 446Page - Renesas Technology Corp 7721 Datasheet HTML 447Page - Renesas Technology Corp 7721 Datasheet HTML 448Page - Renesas Technology Corp 7721 Datasheet HTML 449Page - Renesas Technology Corp 7721 Datasheet HTML 450Page - Renesas Technology Corp 7721 Datasheet HTML 451Page - Renesas Technology Corp 7721 Datasheet HTML 452Page - Renesas Technology Corp 7721 Datasheet HTML 453Page - Renesas Technology Corp 7721 Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–47
16.2 Examples of using DMA controller
b7
b0
P43 output : L level
0
b7
b0
DMA0 enabled
1
b7
b0
Timer A2 count start
Timer A3 count start
1
1
b7
b0
DMA0 request flag is set to “0.”
0
b7
b0
DMA0 control register (Address 1FCE16)
DMA request source : External source (DMAREQ0)
Edge sense selected
DMAACK0 pin : Valid
0
1
1000
b7
b0
DMA0 interrupt control register (Address 6C16)
Interrupt priority level : any of “0012” to “1112”
0
Count start register (Address 4016)
DMAC control register L (Address 6816)
DMAC control register H (Address 6916)
Port P4 register (Address A16)
Fig. 16.2.5 Initial setting example for relevant register (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com