Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 447Page - Renesas Technology Corp 7721 Datasheet HTML 448Page - Renesas Technology Corp 7721 Datasheet HTML 449Page - Renesas Technology Corp 7721 Datasheet HTML 450Page - Renesas Technology Corp 7721 Datasheet HTML 451Page - Renesas Technology Corp 7721 Datasheet HTML 452Page - Renesas Technology Corp 7721 Datasheet HTML 453Page - Renesas Technology Corp 7721 Datasheet HTML 454Page - Renesas Technology Corp 7721 Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–48
16.2 Examples of using DMA controller
16.2.2 Example of stepping motor control
The following is an example where the slow-up or slow-down control for the stepping motor is performed
by using DMA1, DMA2, and RTP0.
(1)
Specifications
•DMA1 transfers the stepping motor’s phase output data from the phase output data table to the
RTP0 pulse output data register. (Refer to “Figure 16.2.6” and “Table 16.2.1.”)
•DMA2 transfers the step time for slow up or slow down from the timer A0 set value data table to
the timer A0 register. (Refer to “Figure 16.2.6.”)
After slow up or slow down is completed, a DMA2 interrupt occurs.
•Phase output is performed by RTP0; pulse output mode 0 (Refer to “Figures 16.2.6 and 16.2.7.”)
•After slow up or slow down is completed, the motor operates with the definite rate.
M37721
ROM
RTP0
Timer
A0
Stepping
motor
Phase output
data table
DMAC1
DMAC2
Bus
M
Timer A0 set
value data table
Fig. 16.2.6 Example of stepping motor control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com