Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 444Page - Renesas Technology Corp 7721 Datasheet HTML 445Page - Renesas Technology Corp 7721 Datasheet HTML 446Page - Renesas Technology Corp 7721 Datasheet HTML 447Page - Renesas Technology Corp 7721 Datasheet HTML 448Page - Renesas Technology Corp 7721 Datasheet HTML 449Page - Renesas Technology Corp 7721 Datasheet HTML 450Page - Renesas Technology Corp 7721 Datasheet HTML 451Page - Renesas Technology Corp 7721 Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–45
16.2 Examples of using DMA controller
(2)
Initial setting example for relevant register
b7
b0
Port P4 register (Address A16)
P43 output : H level
1
TA3OUT output : H level (D-F/F initialized)
b7
b0
1
b7
b0
P43 : Output mode
1
b7
b0
b7
b0
DMAREQ0 pin : Input mode
0
b7
b0
Transfer source Wait
Transfer destination Wait
Single transfer mode
! 0
000000
! : It may be “0” or “1.”
b7
b0
DMA0 mode register L (Address 1FCC16)
Transfer unit : 8 bits
2-bus cycle transfer
Cycle-steal transfer mode
Transfer source address direction : Fixed
Transfer destination address direction : Forward
0
1
010001
TA2IN pin : Input mode
1
00
Port P5 register (Address B16)
Port P4 direction register (Address C16)
Port P5 direction register (Address D16)
TA3IN pin : Input mode
TA3OUT pin : Output mode (D–F/F initialized)
Port P9 direction register (Address 1516)
DMA0 mode register H (Address 1FCD16)
Fig. 16.2.3 Initial setting example for relevant register (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com