Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 444 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 444 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 440Page - Renesas Technology Corp 7721 Datasheet HTML 441Page - Renesas Technology Corp 7721 Datasheet HTML 442Page - Renesas Technology Corp 7721 Datasheet HTML 443Page - Renesas Technology Corp 7721 Datasheet HTML 444Page - Renesas Technology Corp 7721 Datasheet HTML 445Page - Renesas Technology Corp 7721 Datasheet HTML 446Page - Renesas Technology Corp 7721 Datasheet HTML 447Page - Renesas Technology Corp 7721 Datasheet HTML 448Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–41
16.1 Memory connection
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
D18
D19
D20
D21
D22
D23
D24
M66010FP
TxD0
RxD0
CLK0
P44
P45
RTS0
A0–A7
A8/D8–A15/D15
A16/D0–A23/D7
ALE
E
1
R/W
BHE
BLE
M37721
DI
DO
CLK
CS
S
Vcc
GND
BYTE
25 MHz
Open
XIN
XOUT
Expanded input ports
Circuit conditions: •UART0 used in clock synchronous serial I/O mode
•Internal clock selected
•Frequency of transfer clock =
f2
2 (3 + 1)
= 1.5625 MHz
Fig. 16.1.36 Example of port expansion circuit using M66010FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com