Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 451Page - Renesas Technology Corp 7721 Datasheet HTML 452Page - Renesas Technology Corp 7721 Datasheet HTML 453Page - Renesas Technology Corp 7721 Datasheet HTML 454Page - Renesas Technology Corp 7721 Datasheet HTML 455Page - Renesas Technology Corp 7721 Datasheet HTML 456Page - Renesas Technology Corp 7721 Datasheet HTML 457Page - Renesas Technology Corp 7721 Datasheet HTML 458Page - Renesas Technology Corp 7721 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–52
16.2 Examples of using DMA controller
Fig. 16.2.10 Initial setting example for relevant register (3)
DMA1 request bit
DMA2 request bit
b7
b0
Port P6 register (Address E16)
RTP00/P60–RTP03/P63 initial output : H level
11
11
b7
b0
11
11
b7
b0
Count source
000
00
b7
b0
RTP0
Pulse mode 0
001
Timer A0 register (Addresses 4716, 4616)
First step time
b15
b0
b8 b7
b7
b0
First phase output data
b7
b0
Timer A0 count start
1
DMA1 enabled
DMA2 enabled
b7
b0
1
1
b7
b0
0
0
are set to “0.”
Port P6 direction register (Address 1016)
RTP00/P60–RTP03/P63 pin : Output mode
Pulse output data register 0 (Address 1A16)
!
TImer A0 mode register (Address 5616)
Real-time output control register (Address 6216)
Count start register (Address 4016)
DMAC control register L (Address 6816)
DMAC control register H (Address 6916)
! : It may be “0” or “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com