Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 453Page - Renesas Technology Corp 7721 Datasheet HTML 454Page - Renesas Technology Corp 7721 Datasheet HTML 455Page - Renesas Technology Corp 7721 Datasheet HTML 456Page - Renesas Technology Corp 7721 Datasheet HTML 457Page - Renesas Technology Corp 7721 Datasheet HTML 458Page - Renesas Technology Corp 7721 Datasheet HTML 459Page - Renesas Technology Corp 7721 Datasheet HTML 460Page - Renesas Technology Corp 7721 Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–54
16.2 Examples of using DMA controller
b7
b0
! 0
011100
b23
b0
b16 b15
b8 b7
b23
b0
b16 b15
b8 b7
0016
0016
0E16
b7
b0
0
0
0
010
b7
b0
0
0
00
01
01
b7
b0
0
00
b23
b0
b16 b15
b8 b7
0016
0016
1016
DMA3 mode register L (Address 1FFC16)
Transfer unit : 16 bits
2-bus cycle transfer
Cycle-steal transfer mode
Transfer source address direction : Forward
Transfer destination address direction : Fixed
DMA3 mode register H (Address 1FFD16)
No transfer source Wait
No transfer destination Wait
Repeat transfer mode
Source address register 3 (Addresses 1FF216 to 1FF016)
Data buffer’s start address
Port P6, P7 register’s address
Destination address register 3 (Addresses 1FF616 to 1FF416)
Transfer counter register 3 (Addresses 1FFA16 to 1FF816)
Data number (unit : byte)
DMA3 control register (Address 1FFE16)
DMA request source : Timer B0
DMAACK3 pin : Invalid
DMA3 interrupt control register (Address 6F16)
Interrupt disabled
! : It may be “0” or “1.”
Fig. 16.2.12 Initial setting example for relevant register (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com