Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 436 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 436 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 432Page - Renesas Technology Corp 7721 Datasheet HTML 433Page - Renesas Technology Corp 7721 Datasheet HTML 434Page - Renesas Technology Corp 7721 Datasheet HTML 435Page - Renesas Technology Corp 7721 Datasheet HTML 436Page - Renesas Technology Corp 7721 Datasheet HTML 437Page - Renesas Technology Corp 7721 Datasheet HTML 438Page - Renesas Technology Corp 7721 Datasheet HTML 439Page - Renesas Technology Corp 7721 Datasheet HTML 440Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 577 page
background image
APPLICATION
7721 Group User’s Manual
16–33
16.1 Memory connection
Fig. 16.1.29 Timing chart for example of M5M44170CJ (256K ! 16 bits) connection (external bus width = 16 bits)
BLE/BHE
tASR = 0 (min)
AC573
(M5M44170AJ)
A8, A9
E
(OE)
RAS
CAS
MA0–MA7
A16/D0–A23/D7,
A8/D8–A15/D15
<When reading>
tw(EL) = 135 (min)
tw(RASL) = 120 (min)
tw(CASL) = 92.5 (min)
td(RAS-CAS) = 28 (min)
tw(RASH) = 60 (min)
td(E-RASL) = 30 (max)
td(RA-RAS) = 5 (min)
td(E-CA) = 60 (max)
Input data
Address
tOEAV = 20 (max)
tRACV = 70 (max)
tCLZV = 5 (min)
tCACV = 20 (max)
tpzx(E-DLZ/DHZ) = 20 (min)
td(CA-CAS) = 5 (min)
td(E-CASL) = 77.5 (max)
Row address
Column address
tAAV = 35 (max)
tsu(DL/DH-E)
≥ 30 t
OEZV
= 0–20
td(AH-E) = 15 (min)
tw(EL) = 135 (min)
tw(RASL) = 120 (min)
tw(CASL) = 55 (min)
tw(RASH) = 60 (min)
td(R/W-E) = 20 (min)
td(E-CASL) = 80–115
<When writing>
MA0–MA9
A16/D0–A23/D7,
A8/D8–A15/D15
V : Specification of M5M44170CJ-7
The others are specifications of M37721.
Address
Data
AC32(tPHL) ! 2
tWCSV = 0 (min)
tWCHV = 15 (min)
td(RA-RAS) = 5 (min)
th(RAS-RA) = 18 (min)
AC32(tPHL) ! 2
th(CAS-CA) = 60 (min)
td(CA-CAS) = 10 (min)
tDHV = 15 (min)
th(E-DLQ/DHQ) = 18 (min)
Row address
Column address
E
RAS
CAS
R/W
WL/WH
td(BLE/BHE–E) = 20 (min)
(Unit : ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com