Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 502 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 502 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 498Page - Renesas Technology Corp 7721 Datasheet HTML 499Page - Renesas Technology Corp 7721 Datasheet HTML 500Page - Renesas Technology Corp 7721 Datasheet HTML 501Page - Renesas Technology Corp 7721 Datasheet HTML 502Page - Renesas Technology Corp 7721 Datasheet HTML 503Page - Renesas Technology Corp 7721 Datasheet HTML 504Page - Renesas Technology Corp 7721 Datasheet HTML 505Page - Renesas Technology Corp 7721 Datasheet HTML 506Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 502 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–39
DMAi control register
Bit
Bit name
At reset
5
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
DMA0 control register (Address 1FCE16)
DMA1 control register (Address 1FDE16)
DMA2 control register (Address 1FEE16)
DMA3 control register (Address 1FFE16)
Note: When a certain source other than an external source is selected by bits 0 to 3 or when
the cycle-steal transfer mode is selected, set bit 4 to “0.”
Level sense can be selected only when both of the external source and the burst
transfer mode are selected.
0
0
0 0 0 0 : Do not select.
0 0 0 1 : External source (DMAREQi)
0 0 1 0 : Software DMA source
0 0 1 1 : Timer A0
0 1 0 0 : Timer A1
0 1 0 1 : Timer A2
0 1 1 0 : Timer A3
0 1 1 1 : Timer A4
1 0 0 0 : Timer B0
1 0 0 1 : Timer B1
1 0 1 0 : Timer B2
1 0 1 1 : UART0 receive
1 1 0 0 : UART0 transmit
1 1 0 1 : UART1 receive
1 1 1 0 : UART1 transmit
1 1 1 1 : A-D conversion
1
2
0
3
0
4
0
0
7, 6
RW
RW
DMA request source select bits
(Note)
Edge sense/Level sense select
bit (Used when external source
and burst transfer mode are
selected) (Note)
DMAACKi validity bit
0 : Invalid (The pin functions as a
programmable I/O port.)
1 : Valid
(The pin functions as DMAACKi.)
RW
RW
RW
RW
Undefined
–
0 : Edge sense (Falling edge)
1 : Level sense (“L” level)
Nothing is assigned.
b3b2b1b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com