Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 505 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 505 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 501Page - Renesas Technology Corp 7721 Datasheet HTML 502Page - Renesas Technology Corp 7721 Datasheet HTML 503Page - Renesas Technology Corp 7721 Datasheet HTML 504Page - Renesas Technology Corp 7721 Datasheet HTML 505Page - Renesas Technology Corp 7721 Datasheet HTML 506Page - Renesas Technology Corp 7721 Datasheet HTML 507Page - Renesas Technology Corp 7721 Datasheet HTML 508Page - Renesas Technology Corp 7721 Datasheet HTML 509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 577 page
background image
APPENDIX
Appendix 6. Machine instructions
7721 Group User’s Manual
17–42
ACC,C
←ACC+M+C
ACC
←ACC∧M
Symbol
Functions
Details
Adds the carry, the accumulator and the memory
contents.The result is entered into the accumulator. When
the D flag is “0,” binary additions is done, and when the
D flag is “1,” decimal addition is done.
Obtains the logical product of the contents of the accumu-
lator and the contents of the memory . The result is en-
tered into the accumulator.
Shifts the accumulator or the memory contents one bit to
the left. “0” is entered into bit 0 of the accumulator or the
memory. The contents of bit 15 ( bit 7 when the m flag is
“1”) of the accumulator or memory before shift is entered
into the C flag.
Tests the specified bit of the memory. Branches when all
the contents of the specified bit is “0.”
Tests the specified bit of the memory. Branches when all
the contents of the specified bit is “1.”
Branches when the contents of the C flag is “0.”
Branches when the contents of the C flag is “1.”
Branches when the contents of the Z flag is “1.”
Branches when the contents of the N flag is “1.”
Branches when the contents of the Z flag is “0.”
Branches when the contents of the N flag is “0.”
Jumps to the address indicated by the program counter
plus the offset value.
Executes software interruption.
Branches when the contents of the V flag is “0.”
Branches when the contents of the V flag is “1.”
Makes the contents of the specified bit in the memory “0.”
Makes the contents of the C flag “0.”
Makes the contents of the I flag “0.”
Specifies the bit position in the processor status register
by the bit pattern of the second byte in the instruction, and
sets “0” in that bit.
Makes the contents of the V flag “0.”
Compares the contents of the accumulator with the con-
tents of the memory.
Mb=0?
Mb=1?
C=0?
C=1?
Z=1?
N=1?
Z=0?
N=0?
PC
←PC±offset
PG
←PG+1
(when carry occurs)
PG
←PG–1
(when borrow occurs)
PC
←PC+2
M(S)
←PG
S
←S–1
M(S)
←PCH
S
←S–1
M(S)
←PCL
S
←S–1
M(S)
←PSH
S
←S–1
M(S)
←PSL
S
←S–1
I
←1
PCL
←ADL
PCH
←ADH
PG
←0016
V=0?
V=1?
C
←0
Mb
←0
Makes the contents of the m flag “0.”
I
←0
m
←0
PSb
←0
V
←0
ACC–M
IMP
IMM
A
DIR
DIR,b
DIR,X
DIR,Y
(DIR)
(DIR,X)
(DIR),Y
op
n
n
op
Addressing modes
AND
(Notes 1,2)
ADC
(Notes 1,2)
ASL
(Note 1)
BBC
(Notes 3,5)
BBS
(Notes 3,5)
BCC
(Note 3)
BCS
(Note 3)
BEQ
(Note 3)
BMI
(Note 3)
BNE
(Note 3)
BPL
(Note 3)
BRA
(Note 4)
BRK
BVC
(Note 3)
BVS
(Note 3)
CLB
(Note 5)
CLC
CLI
CLM
CLV
CMP
(Notes 1,2)
CLP
n
n
op n
58
D8
1
1
1
21
29
C2
22
2 61 72 71
2
3
42
75
3
42
72
3 42
61
3 42
71
10 3
2
35
32
2 21
31 82
43
3
42
32
3 42
21
3
4
1
2
72
16 72
3
4
2
4
D5
42
31
10
3
C1
D1
42
D1
8
10
2
3
42
C1
2
2
3
2
3
6
2
3
7
5
7
2
5
7
5
8
6
8
6
8
6
m=0
C
← b15 ··· b0 ←0
m=1
C
← b7 ··· b0 ←0
# op n# op n# op n#
69
2
65
2
4
42
69
43
42
65
6
75
72
#
op
op n# op
# op
#n #
#
8
9
22
25 47 2
42
29
3
42
25
6
42
35
93
0A 2
06
42
0A
00 15 2
14 8
18 2
2
2
2
B8
C9
42
C9
42
C5
4
C5
42
D5
42
D2
D2
7
93
2
Appendix 6. Machine instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com