Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 501 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 501 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 497Page - Renesas Technology Corp 7721 Datasheet HTML 498Page - Renesas Technology Corp 7721 Datasheet HTML 499Page - Renesas Technology Corp 7721 Datasheet HTML 500Page - Renesas Technology Corp 7721 Datasheet HTML 501Page - Renesas Technology Corp 7721 Datasheet HTML 502Page - Renesas Technology Corp 7721 Datasheet HTML 503Page - Renesas Technology Corp 7721 Datasheet HTML 504Page - Renesas Technology Corp 7721 Datasheet HTML 505Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–38
DMAi mode register L
Bit
Bit name
At reset
5
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
DMA0 mode register L (Address 1FCC16)
DMA1 mode register L (Address 1FDC16)
DMA2 mode register L (Address 1FEC16)
DMA3 mode register L (Address 1FFC16)
Note: When the external data bus has a width of 8 bits and 1-bus cycle transfer is selected, set
bit 0 to “1.”
0
0
0 : 16 bits
1 : 8 bits
1
0 : 2-bus cycle transfer
1 : 1-bus cycle transfer
2
0
0 : Burst transfer mode
1 : Cycle-steal transfer mode
3
0
4
0
0 0 : Fixed
0 1 : Forward
1 0 : Backward
1 1 : Do not select.
6
0
7
RW
RW
0
Number-of-unit-transfer-bits
select bit (Note)
Transfer method select bit
Transfer mode select bit
Fix this bit to “0.”
Transfer source address
direction select bits
Transfer destination address
direction select bits
0 0 : Fixed
0 1 : Forward
1 0 : Backward
1 1 : Do not select.
b5b4
b7b6
RW
RW
RW
RW
0
0
RW
RW
DMAi mode register H
Bit
Bit name
At reset
5
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
DMA0 mode register H (Address 1FCD16)
DMA1 mode register H (Address 1FDD16)
DMA2 mode register H (Address 1FED16)
DMA3 mode register H (Address 1FFD16)
Notes 1: Set bit 0 to “0” in 2-bus cycle transfer.
2: Bits 4 and 5 are valid to the external and internal areas. However, DRAM area is
always handled with “Wait” regardless of the contents of these bits.
The wait bit (bit 2 at address 5E16) is invalid in DMA transfer.
0
0
0 : From memory to I/O
1 : From I/O to memory
1
Refer to “Fig.13.2.7.”
2
0
3
0
4
0
6
0
7
RW
RW
0
Transfer direction select bit
(Used in 1-bus cycle transfer) (Note 1)
I/O connection select bit
(Valid in 1-bus cycle transfer)
Fix these bits to “0.”
Transfer source wait bit (Note 2)
Continuous transfer mode select
bits
0 0 : Single transfer
0 1 : Repeat transfer
1 0 : Array chain transfer
1 1 : Link array chain transfer
b7b6
RW
RW
RW
RW
0
0
RW
RW
0
Transfer destination wait bit (Note 2)
0 : Wait
1 : No Wait



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com