Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 497 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 497 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 493Page - Renesas Technology Corp 7721 Datasheet HTML 494Page - Renesas Technology Corp 7721 Datasheet HTML 495Page - Renesas Technology Corp 7721 Datasheet HTML 496Page - Renesas Technology Corp 7721 Datasheet HTML 497Page - Renesas Technology Corp 7721 Datasheet HTML 498Page - Renesas Technology Corp 7721 Datasheet HTML 499Page - Renesas Technology Corp 7721 Datasheet HTML 500Page - Renesas Technology Corp 7721 Datasheet HTML 501Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–34
Single transfer mode
b7
b0
b15
b8
Source address register 0 (Addresses 1FC216 to 1FC016)
Source address register 1 (Addresses 1FD216 to 1FD016)
Source address register 2 (Addresses 1FE216 to 1FE016)
Source address register 3 (Addresses 1FF216 to 1FF016)
Functions
Bit
At reset
RW
23 to 0 [Write]
Set the transfer start address of the source.
These bits can be set to “00000016” to “FFFFFF16.”
[Read]
The read value indicates the source address of data
which is next transferred.
Undefined
RW
Note: When writing to this register, write to all 24 bits.
b23
b16
b7
b0
b15
b8
Destination address register 0 (Addresses 1FC616 to 1FC416)
Destination address register 1 (Addresses 1FD616 to 1FD416)
Destination address register 2 (Addresses 1FE616 to 1FE416)
Destination address register 3 (Addresses 1FF616 to 1FF416)
Functions
Bit
At reset
RW
23 to 0 [Write]
Set the transfer start address of the destination.
These bits can be set to “00000016” to “FFFFFF16.”
[Read]
The read value indicates the destination address of
data which is next transferred.
Undefined
RW
Note: When writing to this register, write to all 24 bits.
b23
b16
b7
b0
b15
b8
Transfer counter register 0 (Addresses 1FCA16 to 1FC816)
Transfer counter register 1 (Addresses 1FDA16 to 1FD816)
Transfer counter register 2 (Addresses 1FEA16 to 1FE816)
Transfer counter register 3 (Addresses 1FFA16 to 1FF816)
Functions
Bit
At reset
RW
23 to 0 [Write]
Set the byte number of the transfer data.
These bits can be set to “00000116” to “FFFFFF16.”
[Read]
The read value indicates remaining byte number of
the transfer data.
Undefined
RW
Note: When writing to this register, write to all 24 bits.
Do not set this register to “00000016.”
b23
b16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com