Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 495 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 491Page - Renesas Technology Corp 7721 Datasheet HTML 492Page - Renesas Technology Corp 7721 Datasheet HTML 493Page - Renesas Technology Corp 7721 Datasheet HTML 494Page - Renesas Technology Corp 7721 Datasheet HTML 495Page - Renesas Technology Corp 7721 Datasheet HTML 496Page - Renesas Technology Corp 7721 Datasheet HTML 497Page - Renesas Technology Corp 7721 Datasheet HTML 498Page - Renesas Technology Corp 7721 Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–32
Interrupt control register
b7
b6
b5
b4
b3
b2
b1
b0
DMA0 to DMA3, A-D conversion, UART0 and 1 transmit, UART0 and 1 receive, timers A0 to A4, timers B0 to B2
interrupt control registers (Addresses 6C16 to 7C16)
Bit
7 to 4
Interrupt request bit
2
1
0
Bit name
At reset
0
RW
Functions
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 : No interrupt requested
1 : Interrupt requested
Interrupt priority level
select bits
3
RW
RW
RW
RW
–
Undefined
0
0
0
Nothing is assigned.
Note: The interrupt request bits of INT0 to INT2 interrupts are invalid when the level sense is selected.
0 : Interrupt request bit is set to “1”
at “H” level when level sense is
selected; this bit is set to “1” at
falling edge when edge sense is
selected.
1 : Interrupt request bit is set to “1”
at “L” level when level sense is
selected; this bit is set to “1” at
rising edge when edge sense is
selected.
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b7
b6
b5
b4
b3
b2
b1
b0
INT0 to INT2 interrupt control registers (Addresses 7D16 to 7F16)
Bit
4
Interrupt request bit (Note)
2
1
0
Bit name
At reset
0
RW
Functions
b2 b1 b0
0 : No interrupt requested
1 : Interrupt requested
Interrupt priority level
select bits
3
RW
RW
RW
RW
RW
0
0
0
0
Polarity select bit
0 : Edge sense
1 : Level sense
7, 6
5
RW
–
0
Undefined
Level sense/Edge sense
select bit
Nothing is assigned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com