Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 489Page - Renesas Technology Corp 7721 Datasheet HTML 490Page - Renesas Technology Corp 7721 Datasheet HTML 491Page - Renesas Technology Corp 7721 Datasheet HTML 492Page - Renesas Technology Corp 7721 Datasheet HTML 493Page - Renesas Technology Corp 7721 Datasheet HTML 494Page - Renesas Technology Corp 7721 Datasheet HTML 495Page - Renesas Technology Corp 7721 Datasheet HTML 496Page - Renesas Technology Corp 7721 Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 577 page
background image
APPENDIX
Appendix 3. Control registers
7721 Group User’s Manual
17–30
DRAM control register
0 0 0 0 : No DRAM area
0 0 0 1 : F0000016–FFFFFF16 (1 Mbyte)
0 0 1 0 : E0000016–FFFFFF16 (2 Mbytes)
0 0 1 1 : D0000016–FFFFFF16 (3 Mbytes)
0 1 0 0 : C0000016–FFFFFF16 (4 Mbytes)
0 1 0 1 : B0000016–FFFFFF16 (5 Mbytes)
0 1 1 0 : A0000016–FFFFFF16 (6 Mbytes)
0 1 1 1 : 90000016–FFFFFF16 (7 Mbytes)
1 0 0 0 : 80000016–FFFFFF16 (8 Mbytes)
1 0 0 1 : 70000016–FFFFFF16 (9 Mbytes)
1 0 1 0 : 60000016–FFFFFF16 (10 Mbytes)
1 0 1 1 : 50000016–FFFFFF16 (11 Mbytes)
1 1 0 0 : 40000016–FFFFFF16 (12 Mbytes)
1 1 0 1 : 30000016–FFFFFF16 (13 Mbytes)
1 1 1 0 : 20000016–FFFFFF16 (14 Mbytes)
1 1 1 1 : 10000016–FFFFFF16 (15 Mbytes)
Bit
Bit name
Functions
At reset
RW
0
1
3
6 to 4
7
DRAM area select bits
DRAM validity bit (Note)
0
0
0 : Invalid (P104–P107 pins function
as programmable input ports. A0–
A7 pins function as address
output pins. Refresh timer stops
counting.)
1 : Valid (P104–P107 pins function as
CAS, RAS, MA8, and MA9. A0–A7
function as MA0–MA7. Refresh
timer starts counting.)
0
DRAM control register (Address 6416)
b1
b0
b2
b3
b4
b5
b6
b7
RW
0
–
RW
Nothing is assigned.
The value is “0” at reading.
2
0
RW
b3 b2 b1 b0
RW
0
RW
Note: Set the refresh timer (address 6616) before setting this bit to “1.”
Refresh timer
b7
b0
Refresh timer (Address 6616)
Functions
Bit
At reset
RW
7 to 0 These bits can be set to “0116” to “FF16.”
Assuming that the set value = n, this register divides f16 by
(n + 1).
Undefined
WO
Note: Use the LDM or STA instruction for writing to this register.
Do not set this register to “0016.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com