Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 256Page - Renesas Technology Corp 7721 Datasheet HTML 257Page - Renesas Technology Corp 7721 Datasheet HTML 258Page - Renesas Technology Corp 7721 Datasheet HTML 259Page - Renesas Technology Corp 7721 Datasheet HTML 260Page - Renesas Technology Corp 7721 Datasheet HTML 261Page - Renesas Technology Corp 7721 Datasheet HTML 262Page - Renesas Technology Corp 7721 Datasheet HTML 263Page - Renesas Technology Corp 7721 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 577 page
background image
A-D CONVERTER
7721 Group User’s Manual
12–9
12.2.5 Port P7 direction register
Input pins of the A-D converter are multiplexed with port P7. When using these pins as A-D converter’s
input pins, set the corresponding bits of the port P7 direction register to “0” to set these port pins for the
input mode. Figure 12.2.6 shows the relationship between the port P7 direction register and A-D converter’s
input pins.
12.2 Block description
Fig. 12.2.6 Relationship between port P7 direction register and A-D converter’s input pins
Bit
Corresponding pin
Functions
0
1
2
3
4
5
6
7
AN0
pin
0 : Input mode
1 : Output mode
When using these pins as A-D
converter’s input pins, set the
corresponding bits to “0.”
Port P7 direction register (Address 1116)
b1
b0
b2
b3
b4
b5
b6
b7
At reset
RW
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
AN1
pin
AN2
pin
AN3
pin
AN4
pin
AN5
pin
AN6
pin
AN7/ADTRG
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com