Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 379 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 379 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 375Page - Renesas Technology Corp 7906 Datasheet HTML 376Page - Renesas Technology Corp 7906 Datasheet HTML 377Page - Renesas Technology Corp 7906 Datasheet HTML 378Page - Renesas Technology Corp 7906 Datasheet HTML 379Page - Renesas Technology Corp 7906 Datasheet HTML 380Page - Renesas Technology Corp 7906 Datasheet HTML 381Page - Renesas Technology Corp 7906 Datasheet HTML 382Page - Renesas Technology Corp 7906 Datasheet HTML 383Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 531 page
background image
FLASH MEMORY VERSION
7906 Group User’s Manual Rev.2.0
19-2
19.1 Overview
19.1 Overview
The flash memory version is provided with the same function as that of the mask ROM version except that
the former includes the flash memory. Note that, however, part of the SFR area of the flash memory version
differs from that of the mask ROM version. (Refer to section “19.1.1 Memory assignment.”) Also, the stop
mode terminate operation of the flash memory version differs from that of the mask ROM version. (Refer
to section “19.1.2 Single-chip mode.”)
In the flash memory version, its internal flash memory can be handled in the following three reprogramming
modes: flash memory CPU reprogramming mode, flash memory serial I/O mode, and flash memory parallel
I/O mode.
Table 19.1.1 lists the performance overview of the flash memory version. (For the items not listed in Table
19.1.1, see Table 1.1.1.)
Table 19.1.1 Performance overview of flash memory version
Item
Performance
Power source voltage
Programming/Erase voltage
Flash memory reprogramming modes
Programming
Erase method
Maximum number of reprograms (programming
and erasure)
5 V ± 0.5 V
5 V ± 0.5 V
Flash memory CPU reprogramming mode,
Flash memory serial I/O mode,
Flash memory parallel I/O mode
Programmed in a unit of word
Programmed in a unit of byte
Block erase or Total erase
100
For the flash memory version, in addition to the same single-chip mode as that of the mask ROM version,
any of the operating modes listed in Table 19.1.2 can further be selected by the voltage levels applied to
pins MD1 and MD0. Table 19.1.3 also lists the overview of flash memory reprogramming modes.
Note: Do not switch the voltages applied to pins MD0 and MD1 while the microcomputer is active.
Table 19.1.2 Operating mode selection according to
voltages applied to pins MD0 and MD1
Single-chip mode
– (Note 1)
Boot mode (Note 2)
Flash memory parallel I/O mode
(Note 3)
VSS
VCC
VSS
VCC
MD1
VSS
VSS
VCC
VCC
MD0
Operating modes
Notes 1: Do not select.
2: Refer to section “19.1.3 Boot mode.”
3: Refer to section “19.4 Flash memory parallel
I/O mode.”
CPU reprogramming mode,
Flash memory serial I/O mode
Flash memory Parallel I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com