Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 378Page - Renesas Technology Corp 7906 Datasheet HTML 379Page - Renesas Technology Corp 7906 Datasheet HTML 380Page - Renesas Technology Corp 7906 Datasheet HTML 381Page - Renesas Technology Corp 7906 Datasheet HTML 382Page - Renesas Technology Corp 7906 Datasheet HTML 383Page - Renesas Technology Corp 7906 Datasheet HTML 384Page - Renesas Technology Corp 7906 Datasheet HTML 385Page - Renesas Technology Corp 7906 Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 531 page
background image
FLASH MEMORY VERSION
7906 Group User’s Manual Rev.2.0
19-5
19.1 Overview
In addition to the internal flash memory area (in other words, user ROM area) shown in Figure 19.1.1, the
flash memory version has the boot ROM area of 8 Kbytes.
Figure 19.1.2 shows the memory assignment of the internal flash memory.
The user ROM area is divided into several blocks. The user ROM area is reprogrammed in the flash
memory CPU reprogramming mode, serial I/O mode, and parallel I/O mode.
The boot ROM area is assigned at addresses, overlapping with the user ROM area, however, the boot
ROM area exists in the defferent memory; the boot ROM area can be reprogrammed only in the flash
memory parallel I/O mode. (Refer to section “19.4 Flash memory parallel I/O mode.”). When being reset
with pin MD1 tied to Vcc level and pin MD0 to Vss level, the software in the boot ROM area is executed
after reset. (Refer to section “19.1.3 Boot mode.”) When pin MD1 = Vss level, however, the contents of
the boot ROM area cannot be read out.
Fig. 19.1.2 Memory assignment of internal flash memory
28 Kbytes
16 Kbytes
8 Kbytes
8 Kbytes
8 Kbytes
(Note)
User ROM area
Boot ROM area
(In boot mode)
(In flash memory parallel I/O mode)
Note: Addresses FF9016 to FF9F16 are reserved for serial and parallel programmers.
Be sure not to use this area.
100016
7FFF16
800016
BFFF16
C00016
DFFF16
E00016
E00016
016
FFFF16
FFFF16
1FFF16
M37906F8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com