Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 380Page - Renesas Technology Corp 7906 Datasheet HTML 381Page - Renesas Technology Corp 7906 Datasheet HTML 382Page - Renesas Technology Corp 7906 Datasheet HTML 383Page - Renesas Technology Corp 7906 Datasheet HTML 384Page - Renesas Technology Corp 7906 Datasheet HTML 385Page - Renesas Technology Corp 7906 Datasheet HTML 386Page - Renesas Technology Corp 7906 Datasheet HTML 387Page - Renesas Technology Corp 7906 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 531 page
background image
FLASH MEMORY VERSION
7906 Group User’s Manual Rev.2.0
19-7
19.1 Overview
Fig. 19.1.3 Stop mode terminate sequence owing to interrupt request occurrence
q Interrupt request
to be used for
termination occurs.
q Clock input from pin XIN starts.
q Watchdog timer starts counting.
Operating
Operating
Operating
Operating
Operating
Stopped
Stopped
Stopped
Internal peripheral device
s When not using the watchdog timer
10
µs (Max.)
Operating
Operating
Operating
Stopped
Stopped
Stopped
Operate
Operate
CPU
Internal peripheral device
q Interrupt request to be used for
termination occurs.
q Oscillation stars.
(When an external clock is input
from pin XIN, clock input starts.)
q PLL frequency multiplier starts its
operation.
q Watchdog timer starts counting.
Value of watchdog timer
Value of the watchdog timer
Interrupt request to be
used for stop mode
termination
(Interrupt request bit)
Interrupt request to be
used for stop mode
termination
(Interrupt request bit)
FFF16
7FF16
q Watchdog timer's MSB = “0”
(However, watchdog timer interrupt
request dose not occur.)
q Each supply of
φCPU, φBIU starts.
q Interrupt request which was used for
termination is accepted.
Stop mode
fXIN
φBIU
φ1
q STP
instruction
is executed.
s When using the watchdog timer
fPLL (Note)
fXi ✕ 2048 counts
Note: This applies when the PLL circuit operation enable bit (bit 1 at address BC16) = “1.”
fXi : fX16, fX32, fX64, fX128
There are clocks selected by the watchdog timer clock source bits at STP termination (bits 6, 7 at address 6116)
q STP
instruction
is executed.
fXIN
φBIU
φ1
Stop mode
CPU
FFF16
7FF16
q Each supply of
φCPU, φBIU starts.
q Interrupt request which was used
for termination is accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com