Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 387 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 387 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 383Page - Renesas Technology Corp 7906 Datasheet HTML 384Page - Renesas Technology Corp 7906 Datasheet HTML 385Page - Renesas Technology Corp 7906 Datasheet HTML 386Page - Renesas Technology Corp 7906 Datasheet HTML 387Page - Renesas Technology Corp 7906 Datasheet HTML 388Page - Renesas Technology Corp 7906 Datasheet HTML 389Page - Renesas Technology Corp 7906 Datasheet HTML 390Page - Renesas Technology Corp 7906 Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 531 page
background image
FLASH MEMORY VERSION
7906 Group User’s Manual Rev.2.0
19-10
19.2 Flash memory CPU reprogramming mode
19.2.1 Flash memory control register
Figure 19.2.1 shows the structure of the flash memory control register.
(1) RY/BY status bit (bit 0)
This bit is used to indicate the operating status of the sequencer. This bit is “0” during the automatic
programming or erase operation is active and becomes “1” upon completion of them. This bit also
changes during the execution of the programming, block erase, or erase all blocks command, but does
not change owing to the execution of another command.
(2) CPU reprogramming mode select bit (bit 1)
Setting this bit to “1” allows the microcomputer to enter the flash memory CPU reprogramming mode
to accept commands. In order to set this bit to “1,” write “1” followed with “0” successively; while to
clear this bit to “0,” write “0.”
Since the microcomputer enters the flash memory CPU reprogramming mode after setting this bit to
“1,” opcodes cannot be fetched for the internal flash memory. Accordingly, be sure to execute the
instruction to be used for writing to this bit in an area other than the internal flash memory area (e.g.
the internal RAM area).
When executing commands of the flash memory CPU reprogramming mode in the boot mode, be sure
to set the user ROM area select bit (bit 5) to “1.”
Fig. 19.2.1 Structure of flash memory control register
0
1
2
3
4
5
7, 6
RY/BY status bit
CPU reprogramming mode select bit
The value is “0” at reading.
Flash memory reset bit (Note 3)
The value is “0” at reading.
User ROM area select bit
(Valid in boot mode)
(Note 5)
The value is “0” at reading.
RO
RW
(Notes 1, 2)
—
RW
(Note 4)
—
RW
(Note 2)
—
1
0
0
0
0
0
0
Bit name
Bit
Flash memory control register (Address 9E16)
Function
At reset
R/W
b7 b6 b5 b4 b3 b2 b1 b0
0 : BUSY (Automatic programming or erase operation
is active.)
1 : READY (Automatic programming or erase operation
has been completed.)
0 : Flash memory CPU reprogramming mode is invalid.
1 : Flash memory CPU reprogramming mode is valid.
Notes 1: In order to set this bit to “1,” write “0” followed with “1” successively; while in order to clear this bit “0,” write “0.”
2: Writing to this bit must be performed in an area other than the internal flash memory.
3: This bit is valid when the CPU reprogramming mode select bit (bit 1) = “1”: on the other hand, when the CPU
reprogramming mode select bit = “0,” be sure to fix this bit to “0.” Rewriting of this bit must be performed with the CPU
reprogramming mode select bit = “1.”
4: After writing of “1” to this bit, be sure to confirm the RY/BY status bit (bit 0) becomes “1”; and then, write “0” to this bit.
5: When MD1 = Vss level, this bit is invalid. (It may be either “0” or “1.”)
0 : Access to boot ROM area
1 : Access to user ROM area
Writing “1” into this bit discontinues the access to the
internal flash memory. This causes the built-in flash
memory circuit being reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com