Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 385 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 381Page - Renesas Technology Corp 7906 Datasheet HTML 382Page - Renesas Technology Corp 7906 Datasheet HTML 383Page - Renesas Technology Corp 7906 Datasheet HTML 384Page - Renesas Technology Corp 7906 Datasheet HTML 385Page - Renesas Technology Corp 7906 Datasheet HTML 386Page - Renesas Technology Corp 7906 Datasheet HTML 387Page - Renesas Technology Corp 7906 Datasheet HTML 388Page - Renesas Technology Corp 7906 Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 531 page
background image
FLASH MEMORY VERSION
7906 Group User’s Manual Rev.2.0
19-8
19.1 Overview
19.1.3 Boot mode
When being reset with pin MD1 tied to Vcc level and pin MD0 to Vss level, the flash memory version enters
the boot mode. In the boot mode, the software in the boot ROM area is executed after reset.
In the boot mode, either the boot ROM area or the user ROM area can be selected with the user ROM
area select bit (bit 5 at address 9E16). The boot ROM area is located at addresses E00016 to FFFF16 in the
boot mode.
A reprogramming control firmware used in the flash memory serial I/O mode has been stored in the boot
ROM area on shipment. (Refer to section “19.3 Flash memory serial I/O mode.”) Therefore, when being
reset in the boot mode, the flash memory version enters the flash memory serial I/O mode, allowing the
user ROM area to be reprogrammed with a dedicated serial programmer.
Also the boot ROM area can be reprogrammed in the flash memory parallel I/O mode. If an appropriate
reprogramming control software using the CPU reprogramming mode has been stored in the boot ROM
area, reprogramming suitable for the user’s system is enabled.
Note that if the boot ROM area has been reprogrammed in the flash memory parallel I/O mode, the flash
memory serial I/O mode cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com