Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 384Page - Renesas Technology Corp 7906 Datasheet HTML 385Page - Renesas Technology Corp 7906 Datasheet HTML 386Page - Renesas Technology Corp 7906 Datasheet HTML 387Page - Renesas Technology Corp 7906 Datasheet HTML 388Page - Renesas Technology Corp 7906 Datasheet HTML 389Page - Renesas Technology Corp 7906 Datasheet HTML 390Page - Renesas Technology Corp 7906 Datasheet HTML 391Page - Renesas Technology Corp 7906 Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 531 page
background image
FLASH MEMORY VERSION
7906 Group User’s Manual Rev.2.0
19-11
19.2 Flash memory CPU reprogramming mode
(3) Flash memory reset bit (bit 3)
Writing “1” to this bit discontinues the access to the user ROM area and causes the built-in flash
memory control circuit to be reset. After this reset, the microcomputer enters the read array mode to
set the RY/BY status bit (bit 0) to “1”.
When this flash memory control circuit is reset with the flash memory reset bit during programming
(automatic programming) or erase (automatic erase) operation, that programming or erase operation
is discontinued to invalidate the data in the working block.
After writing of “1” to this bit, be sure to confirm the RY/BY status bit (bit 0) becomes “1”; and then,
write “0” to this bit.
(4) User ROM area select bit (bit 5)
This bit is used to select either the boot ROM area or the user ROM area in the boot mode. In order
to access the boot ROM area (read out), clear this bit to “0.” On the other hand, in order to access
the user ROM area (reading out, programming, or erase), set it to “1.” Instructions for writing into this
bit must be executed in an area other than the internal flash memory (e.g. the internal RAM area).
Note that when MD1 = Vss level, the user ROM area is accessed (being read out) regardless of the
contents of this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com