Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 388Page - Renesas Technology Corp 7906 Datasheet HTML 389Page - Renesas Technology Corp 7906 Datasheet HTML 390Page - Renesas Technology Corp 7906 Datasheet HTML 391Page - Renesas Technology Corp 7906 Datasheet HTML 392Page - Renesas Technology Corp 7906 Datasheet HTML 393Page - Renesas Technology Corp 7906 Datasheet HTML 394Page - Renesas Technology Corp 7906 Datasheet HTML 395Page - Renesas Technology Corp 7906 Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 531 page
background image
FLASH MEMORY VERSION
7906 Group User’s Manual Rev.2.0
19-15
19.2 Flash memory CPU reprogramming mode
(5) Block erase command
Writing of command code “2016” at the 1st bus
cycle and “D016” to the highest address (here,
A0 = 0) of the block to be erased at the 2nd
bus cycle initiate the automatic erase (erase
and erase-verify) operation for the specified
block. During the automatic erase operation,
be sure not to access the flash memory or not
to execute the next command. The completion
of the automatic erase operation can be
recognized by the RY/BY status bit (bit 0 at
address 9E16).
After the automatic erase operation is completed,
the result of it can be recognized by reading
out the status register. (Refer to section “19.2.5
Full status check.”)
Figure 19.2.4 shows the block erase operation
flowchart.
(6) Erase-all-blocks command
Writing of command code “2016” at the 1st bus
cycle and “2016” at the 2nd bus cycle initiate
the automatic erase (erase and erase-verify)
operation for all the blocks. During the automatic
erase operation, be sure not to access the flash
memory or not to execute the next command.
The completion of the automatic erase operation
can be recognized by the RY/BY status bit (bit
0 at address 9E16).
After the automatic erase operation is completed,
the result of it can be recognized by reading
out the status register. (Refer to section “19.2.5
Full status check.”)
Figure 19.2.5 shows the erase-all-blocks
operation flowchart.
Fig. 19.2.4 Block erase operation flowchart
Fig. 19.2.5 Erase-all-blocks operation flowchart
Full status check
Start
Command code
“2016” is written.
“D016” is written to the highest
address of the block.
Block erase operation is
completed.
YES
••• See Figure 19.2.6.
RY/BY status bit = “1”?
(bit 0 at address 9E16)
NO
YES
RY/BY status bit = “1”?
(bit 0 at address 9E16)
NO
Full status check
Start
Command code
“20 16” is written.
“20 16” is written.
Erase-all-blocks
operation is completed.
••• See Figure 19.2.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com