Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 394 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 394 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 390Page - Renesas Technology Corp 7906 Datasheet HTML 391Page - Renesas Technology Corp 7906 Datasheet HTML 392Page - Renesas Technology Corp 7906 Datasheet HTML 393Page - Renesas Technology Corp 7906 Datasheet HTML 394Page - Renesas Technology Corp 7906 Datasheet HTML 395Page - Renesas Technology Corp 7906 Datasheet HTML 396Page - Renesas Technology Corp 7906 Datasheet HTML 397Page - Renesas Technology Corp 7906 Datasheet HTML 398Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 531 page
background image
FLASH MEMORY VERSION
7906 Group User’s Manual Rev.2.0
19-17
19.2 Flash memory CPU reprogramming mode
19.2.6 Electrical characteristics
(1) M37906F8CFP
VCC power source current (at read)
VCC power source current (at write)
VCC power source current (at programming)
VCC power source current (at erasing)
ICC1
ICC2
ICC3
ICC4
mA
mA
mA
mA
Limits
Parameter
Max.
Min.
Unit
Symbol
30
30
40
40
Typ.
10
256 bytes programming time
Block erase time
Erase all blocks time
ms
s
s
Limits
Parameter
Max.
Min.
Unit
40
8
8 ✕ n
Typ.
4
0.6
0.6 ✕ n
AC Electrical Characteristics (VCC = 5 V ± 0.5 V, Ta = 0 to 60 °C, f(fsys) = 20 MHz)
DC Electrical Characteristics (VCC = 5 V ± 0.5 V, Ta = 0 to 60 °C, f(fsys) = 20 MHz)
n = Number of blocks to be erased
For the limits of parameters other than the above, refer to section “Appendix 9. M37906M4C-XXXFP
electrical characteristics.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com