Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 389Page - Renesas Technology Corp 7906 Datasheet HTML 390Page - Renesas Technology Corp 7906 Datasheet HTML 391Page - Renesas Technology Corp 7906 Datasheet HTML 392Page - Renesas Technology Corp 7906 Datasheet HTML 393Page - Renesas Technology Corp 7906 Datasheet HTML 394Page - Renesas Technology Corp 7906 Datasheet HTML 395Page - Renesas Technology Corp 7906 Datasheet HTML 396Page - Renesas Technology Corp 7906 Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 531 page
background image
FLASH MEMORY VERSION
7906 Group User’s Manual Rev.2.0
19-16
19.2 Flash memory CPU reprogramming mode
19.2.5. Full status check
If an error has occurred, bits SR.4 and SR.5 of the status register are set to “1” upon completion of the
programming or erase operation. Therefore, the result of the programming or erase operation can be
recognized by checking these status (in other words, full status check).
Table 19.2.3 lists the errors and the states of bits SR.4 and SR.5, and Figure 19.2.6 shows the full status
check flowchart and the action to be taken if any error has occurred.
Table 19.2.3 Errors and States of bits SR.3 to SR.5
1
1
0
1
0
1
Command sequen-
ce error
Erase error
Programming error
• Commands are not correctly written.
• Data other than “D016” and “FF16” is written at the 2nd bus cycle of the
block erase command (Note).
• Data other than“2016” and “FF16” is written at the 2nd bus cycle of the
erase-all-blocks command (Note).
• Although the block erase or erase-all-blocks command is executed,
these blocks are not correctly erased.
• Although the programming command is executed, programming is not
correctly performed.
Error occurrence conditions
Status register
SR.5
SR.4
Error
Notes: When “FF16” is written at the 2nd bus cycle of any of these commands, the microcomputer enters the read
array mode. Simultaneously with this, the command code written at the 1st bus cycle is cancelled.
Fig. 19.2.6 Full status check flowchart and actions to be taken if any error has ocurred
Read status register
SR.5 = 0?
Completed.
NO
NO
YES
Erase error
YES
Command sequence
error
SR.4 = 1
and
SR.5 = 1
?
SR.4 = 0?
NO
YES
Programming error
➀ Execute the clear status command to clear SR.4 and SR.5 to “0.”
➁ Execute the correct command again.
Note: If the same error occurs, however, the block cannot be used.
• • • •
• • • •
• • • •
Note: Under the condition that any of SR.4 and SR.5 = “1,” none of the programming, block erase, erase-all-blocks commands can be
accepted. To execute any of these commands, in advance, execute the clear status register command.
➀ Execute the clear status command to clear SR.5 to “0.”
➁ Execute the block erase or erase-all-unlocked-blocks command again.
Note: If the same error occurs, however, the block cannot be used.
➀ Execute the clear status command to clear SR.4 to “0.”
➁ Execute the programming command again.
Note: If the same error occurs, however, the block cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com