Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 475 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 471Page - Renesas Technology Corp 7906 Datasheet HTML 472Page - Renesas Technology Corp 7906 Datasheet HTML 473Page - Renesas Technology Corp 7906 Datasheet HTML 474Page - Renesas Technology Corp 7906 Datasheet HTML 475Page - Renesas Technology Corp 7906 Datasheet HTML 476Page - Renesas Technology Corp 7906 Datasheet HTML 477Page - Renesas Technology Corp 7906 Datasheet HTML 478Page - Renesas Technology Corp 7906 Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 531 page
background image
L(DIR), Y
Function
Operation
length (Bit)
Addressing Modes
op n #
IMP
IMM
A
DIR
DIR, X DIR, Y (DIR) (DIR, X) (DIR), Y
Symbol
L(DIR)
op n #
op n #
op n #
op n #
op n # op n # op n #
op n #
op n #
op n #
APPENDIX
Appendix 6. Machine instructions
7906 Group User’s Manual Rev.2.0
20-70
INC
(Note 1)
Acc
←Acc + 1
or
M
←M + 1
A3 1 1
81 2 2
A3
82 6 2 41 8 3
8B
C3 1 1
D3 1 1
INX
X
←X + 1
INY
Y
←Y + 1
JMP/JMPL
When ABS specified
PCL
←ADL
PCH
←ADM
When ABL specified
PCL
←ADL
PCH
←ADM
PG
←ADH
When (ABS) specified
PCL
←(ADM, ADL)
PCH
←(ADM, ADL + 1)
When L(ABS) specified
PCL
←(ADM, ADL)
PCH
←(ADM, ADL + 1)
PG
←(ADM, ADL + 2)
When (ABS,X) specified
PCL
←(ADM, ADL + X)
PCH
←(ADM, ADL + X + 1)
When ABS specified
PC
←PC + 3
M(S)
←PCH
S
←S–1
M(S)
←PCL
S
←S–1
PCL
←ADL
PCH
←ADM
When ABL specified
PC
←PC + 4
M(S)
←PG
S
←S – 1
M(S)
←PCH
S
←S – 1
M(S)
←PCL
S
←S – 1
PCL
←ADL
PCH
←ADM
PG
←ADH
When (ABS,X) specified
PC
←PC + 3
M(S)
←PCH
S
←S – 1
M(S)
←PCL
S
←S – 1
PCL
←(ADM, ADL + X)
PCH
←(ADM, ADL + X + 1)
JSR/JSRL
19 8 2
81 9 3
19
09 8 2
81 2 3
16
Acc
←M
LDA
(Notes 1 and
2)
1A 3 2
81 4 3
1A
1B 4 2
81 5 3
1B
11 6 3
10
91 6 3
10
11 7 3
11
91 7 3
11
18 6 2
81 7 3
18
11 8 3
12
91 8 3
12
16 1 2
Acc
←M8 (Extension zero)
LDAB
(Note 1)
0A 3 2 0B 4 2
11 6 3
00
11 7 3
01
08 6 2 11 8 3
02
28 1 2
81 9 3
09
81 7 3
08
91 7 3
01
81 2 3
28
81 4 3
0A
81 5 3
0B
91 6 3
00
91 8 3
02
16/8
16/8
16/8
–
–
16/8
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com