Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 477 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 473Page - Renesas Technology Corp 7906 Datasheet HTML 474Page - Renesas Technology Corp 7906 Datasheet HTML 475Page - Renesas Technology Corp 7906 Datasheet HTML 476Page - Renesas Technology Corp 7906 Datasheet HTML 477Page - Renesas Technology Corp 7906 Datasheet HTML 478Page - Renesas Technology Corp 7906 Datasheet HTML 479Page - Renesas Technology Corp 7906 Datasheet HTML 480Page - Renesas Technology Corp 7906 Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 531 page
background image
L(DIR), Y
Function
Operation
length (Bit)
Addressing Modes
op n #
IMP
IMM
A
DIR
DIR, X DIR, Y (DIR) (DIR, X) (DIR), Y
Symbol
L(DIR)
op n #
op n #
op n #
op n #
op n # op n # op n #
op n #
op n #
op n #
APPENDIX
Appendix 6. Machine instructions
7906 Group User’s Manual Rev.2.0
20-72
0
→ b15 … b0 →C
0
→ b7 … b0 →C
0
→ b15 … b0 →C
0
→ b7 … b0 →C
Logical shift to the right by n bits (n =
0 to 15)
m = 0
A
m = 1
AL
Logical shift to the right by 1 bit
m = 0
Acc or M16
m = 1
AccL or M8
89 11 2
DT
←IMM8
LDT
31 4 3
4A
X
←M
LDX
(Note 8)
C6 1 2
02 3 2
41 5 3
05
Y
←M
LDY
(Note 8)
D6 1 2
12 3 2 41 5 3
1B
E
←M32
LDAD
LDD n
(Notes 11
and 12)
LDXB
X
←IMM8 (Extension zero)
8A 6 2 8B 7 2
11 9 3
80
11 10 3
81
88 9 2 11 11 3
82
2C 3 5
B8 11 2
?0 + +
2 i 2 i
B8 13 4
?0
27 1 2
DPRn
←IMM16
(n = 0 to 3. Multiple DPRs can
be specified.)
LDYB
Y
←IMM8 (Extension zero)
37 1 2
LSR
(Note 1)
21 8 3
2B
43 1 1 21 7 3
2A
81 2 2
43
LSR #n
(Note 4)
LSRD #n
(Note 4)
C1 6 2
+
imm
D1 8 2
+
imm
32
16
8
16/8
16
16/8
16
16/8
16/8
32
Logical shift to the right by n bits (n =
0 to 31)
E
0
→ b31 … b0 →C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com