Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 521 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 521 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 517Page - Renesas Technology Corp 7906 Datasheet HTML 518Page - Renesas Technology Corp 7906 Datasheet HTML 519Page - Renesas Technology Corp 7906 Datasheet HTML 520Page - Renesas Technology Corp 7906 Datasheet HTML 521Page - Renesas Technology Corp 7906 Datasheet HTML 522Page - Renesas Technology Corp 7906 Datasheet HTML 523Page - Renesas Technology Corp 7906 Datasheet HTML 524Page - Renesas Technology Corp 7906 Datasheet HTML 525Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 531 page
background image
APPENDIX
7906 Group User’s Manual Rev.2.0
20-116
Appendix 9. M37906M4C-XXXFP electrical characteristics
tc
tw(half)
tw(H)
tw(L)
tr
tf
Max.
0.55 tc
8
8
Min.
50
0.45 tc
0.5 tc – 8
0.5 tc – 8
External clock input cycle time
External clock input pulse width with half input-voltage
External clock input high-level pulse width
External clock input low-level pulse width
External clock input rise time
External clock input fall time
Limits
External clock input
Symbol
Parameter
ns
ns
ns
ns
ns
ns
Unit
External clock input
tr
tf
tw(L)
tw(H)
tw(half)
f(XIN)
tc
Test conditions
• Vcc = 5 V
± 0.5 V, Ta = –20 to 85 °C
• Input timing voltage
: VIL = 1.0 V, VIH = 4.0 V (tw(H), tw(L), tr, tf)
• Input timing voltage : 2.5 V (tc, tw(half))
Timing Requirements (VCC = 5 V±0.5 V, VSS = 0 V, Ta = –20 to 85 °C, f(XIN) = 20 MHz, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com