Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button DSPB56725AF Datasheet HTML 17Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 18Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 19Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 20Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 21Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 22Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 23Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 24Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
21
47
Start condition hold time
THD;STA
4.0
—
0.6
—
μs
48
SCL low period
TLOW
4.7
—
1.3
—
μs
49
SCL high period
THIGH
4.0
—
1.3
—
μs
50
SCL and SDA rise time7
TR
—
1000
—
300
ns
51
SCL and SDA fall time7
TF
—5.0
—
5.0
ns
52
Data set-up time
TSU;DAT
250
—
100
—
ns
53
Data hold time
THD;DAT
0.0
—
0.0
0.9
μs
54
DSP clock frequency
• Filters bypassed
• Very Narrow filters enabled
• Narrow filters enabled
• Wide filters enabled
FOSC
10.6
10.6
11.8
13.1
—
—
—
—
28.5
28.5
39.7
61.0
—
—
—
—
MHz
MHz
MHz
MHz
55
SCL low to data out valid
TVD;DAT
—3.4
—
0.9
μs
56
Stop condition setup time
TSU;STO
4.0
—
0.6
—
μs
57
HREQ in deassertion to last SCL edge (HREQ in
set-up time)
tSU;RQI
0.0
—
0.0
—
ns
58
First SCL sampling edge to HREQ output
deassertion2
• Filters bypassed
• Very Narrow filters enabled
• Narrow filters enabled
• Wide filters enabled
TNG;RQO
4
× T
C + 30
4
× T
C + 50
4
× T
C + 130
4
× T
C + 230
—
—
—
—
50.0
70.0
250.0
150.0
—
—
—
—
50.0
70.0
150.0
250.0
ns
ns
ns
ns
59
Last SCL edge to HREQ output not deasserted2
• Filters bypassed
• Very Narrow filters enabled
• Narrow filters enabled
• Wide filters enabled
TAS;RQO
2
× T
C + 30
2
× T
C + 40
2
× T
C + 80
2
× T
C + 130
40
50
90
140
—
—
—
—
40
50
90
140
—
—
—
—
ns
ns
ns
ns
Table 10. SHI I2C Protocol Timing (Continued)
Standard I2C
No.
Characteristics1,2,3,4,5
Symbol/
Expression
Standard
Fast-Mode
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com