Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button DSPB56725AF Datasheet HTML 10Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 11Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 12Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 13Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 14Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 15Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 16Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 17Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
14
1.2.1
Serial Host Interface SPI Protocol Timing
Table 9 lists the serial host interface SPI protocol timing.
Table 9. Serial Host Interface SPI Protocol Timing
No.
Characteristics1,3,4
Mode
Filter Mode
Expression
Min
Max
Unit
23
Minimum serial clock cycle = tSPICC(min)
Master/Slave
Bypassed
10
× TC + 9
59.0
—
ns
Very Narrow
10
× TC + 9
59.0
—
ns
Narrow
10
× TC + 133
183.0
—
ns
Wide
10
× TC + 333
383.0
—
ns
XX
Tolerable Spike width on data or clock in.
—
Bypassed
—
—
0
ns
Very Narrow
—
—
10
ns
Narrow
—
—
50
ns
Wide
—
—
100
ns
24
Serial clock high period
Master
Bypassed
0.5
× (tSPICC)
29.5
—
ns
Very Narrow
0.5
× (tSPICC)
29.5
—
ns
Narrow
0.5
× (tSPICC)
91.5
—
ns
Wide
0.5
× (tSPICC)
191
—
ns
Slave
Bypassed
2.5
× TC + 12
24
—
ns
Very Narrow
2.5
× TC + 12
24
—
ns
Narrow
2.5
× TC + 102
114.5
—
ns
Wide
2.5
× TC + 189
201.5
—
ns
25
Serial clock low period
Master
Bypassed
0.5
× (tSPICC)
29.5
—
ns
Very Narrow
0.5
× (tSPICC)
29.5
—
ns
Narrow
0.5
× (tSPICC)
91.5
—
ns
Wide
0.5
× tSPICC)
191
—
ns
Slave
Bypassed
2.5
× TC + 12
24
—
ns
Very Narrow
2.5
× TC + 12
24
—
ns
Narrow
2.5
× TC + 102
114.5
—
ns
Wide
2.5
× TC + 189
201.5
—
ns
26
Serial clock rise/fall time
Master
Slave
—
—
—
—
—
—
—
5
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com