Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button DSPB56725AF Datasheet HTML 25Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 26Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 27Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 28Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 29Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 30Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 31Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 32Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
29
Figure 21 shows the GPIO timing diagram.
Figure 21. GPIO Timing
1.2.6
JTAG Timing
Table 13 lists the JTAG timing.
Table 13. JTAG Timing
No.
Characteristics
All Frequencies
Unit
Min
Max
108
TCK frequency of operation (1/(TC × 3); maximum 10 MHz)
—
10.0
MHz
109
TCK cycle time in Crystal mode
100.0
—
ns
110
TCK clock pulse width measured at 1.65 V
50.0
—
ns
111
TCK rise and fall times
—
3.0
ns
112
Boundary scan input data setup time
15.0
—
ns
113
Boundary scan input data hold time
24.0
—
ns
114
TCK low to output data valid
—
40.0
ns
115
TCK low to output high impedance
—
40.0
ns
116
TMS, TDI data setup time
5.0
—
ns
117
TMS, TDI data hold time
25.0
—
ns
118
TCK low to TDO data valid
—
44.0
ns
119
TCK low to TDO high impedance
—
44.0
ns
Note:
1. 0.95 V < VVDD_CORE < 1.05 V and Tj < 100° C, CL = 50 pF
2. All timings apply to OnCE module data transfers because it uses the JTAG port as an interface.
GPIO
(Input)
GPIO
(Output)
Fsys
100
101
102
103
GPIO
(Output)
104
105
106
107
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com