Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button DSPB56725AF Datasheet HTML 40Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 41Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 42Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 43Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 44Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 45Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 46Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 47Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 48Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
45
5
Product Documentation
Table 21 lists the documents that provide a complete description of the DSP56724/DSP56725 devices and are required to design
properly with the part. Documentation is available from a local Freescale Semiconductor, Inc. (formerly Motorola) distributor,
semiconductor sales office, Literature Distribution Center, or through the Freescale DSP home page on the Internet (the source
for the latest information).
6
Revision History
Table 22 summarizes revisions to this document.
Table 21. DSP56724 / DSP56725 Documentation
Document Name
Description
Order Number
DSP56300 Family Manual
Detailed description of the 56300-family architecture and the 24-bit
core processor and instruction set
DSP56300FM
DSP56724/DSP56725 Reference Manual Detailed description of memory, peripherals, and interfaces
DSP56724RM
DSP56724 Product Brief
Brief description of the DSP56724 device
DSP56724PB
DSP56725 Product Brief
Brief description of the DSP56725 device
DSP56725PB
DSP56724/DSP56725 Data Sheet
Electrical and timing specifications; pin and package descriptions
(this document)
DSP56724
Table 22. Revision History
Revision
Date
Description
1
12/2008
• Modified values and removed rows in Table 4, “DC Electrical Characteristics.”
• Removed “IO_VDD_25” from Figure 4, “Prevent High Current Conditions by Applying
IO_VDD Before Core_VDD.”
•In Table 7, “Reset, Stop, Mode Select, and Interrupt Timing,” for No. 15, changed 10 to
12, and for No. 16, changed 4 to 7.
•In Table 9, “Serial Host Interface SPI Protocol Timing,” updated values.
•In Table 10, “SHI I2C Protocol Timing,” added note 7 and changed Max values for No. 50
to 1000 and 300; in addition, updated the values for note 1.
•In Table 11, “Enhanced Serial Audio Interface Timing,” for No. 82, changed 19 to 15; for
No. 83, changed 20 to 15; for No. 86, changed 18 to 25; for No. 87, changed 21 to 25.
• Removed Section 1.2.5, “Timer Timing.”
•In Table 16, “EMC Timing Parameters (EMC PLL Enabled; LCRR[CLKDIV] = 2),” for
“LSYNC_IN (except LGTA/LUPWAIT),” changed 2 to 3.
•In Table 17, “EMC Timing Parameters (EMC PLL Bypassed; LRCC[CLKDIV] = 4),” for
“LCLK to output high impedance for LAD [23:0],” changed 9 to 8.1.
•In Table 18, “EMC Timing Parameters (EMC PLL Bypassed; LRCC[CLKDIV] = 8),” for
LCLK to output high impedance for LAD [23:0],” changed 19 to 17.1
•In Table 19, “Ordering Information,” added rows for DSPB56724CAG and
DSPB56725CAF, and changed “DSPA56724AG” to “DSPB56724AG.”
0
6/2008
• Initial public release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com