Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button DSPB56725AF Datasheet HTML 36Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 37Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 38Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 39Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 40Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 41Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 42Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 43Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
40
4.1.2
Pinout for DSP56725 80-Pin Plastic LQFP Package
Figure 31. DSP56725 80-Pin Package
4.1.3
Pin Multiplexing
Many pins are multiplexed, and depending on the selected configuration, can be one of three possible signals. For more about
pin multiplexing, refer to the Symphony™ DSP56724/DSP56725 Multi-Core Audio Processors Reference Manual
(DSP56724RM).
60
WDT
59
PINIT/NMI
58
TDO
57
TDI
56
TCK
55
TMS
54
CORE_GND
53
CORE_VDD
52
SDO4/SDI1
51
SDO5/SDI0
50
IO_GND
49
IO_VDD
48
EXTAL
47
XTAL
46
PLLP_GND
45
PLLD_GND
44
PLLD_VDD
43
PLLA_GND
42
PLLA_VDD
41
PLLP_VDD
SDO2_3/SDI3_3
1
SDO3_3/SDI2_3
2
SDO4_3/SDI1_3
3
SDO5_3/SDI0_3
4
IO_VDD
5
IO_GND
6
CORE_VDD
7
CORE_GND
8
SPDIFIN1/SDO2_2/SDI3_2
9
SPDIFOUT1/SDO3_2/SDI2_2
10
SDO4_2/SDI1_2
11
SDO5_2/SDI0_2
12
FSR_3
13
SCKR_3
14
SCKT_3
15
GND
16
GND
17
GND
18
GND
19
GND
20
DSP56725
80-Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com