Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button DSPB56725AF Datasheet HTML 18Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 19Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 20Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 21Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 22Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 23Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 24Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 25Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
22
1.2.3
Programming the SHI I2C Serial Clock
The programmed serial clock cycle, TI2CCP, is specified by the value of the HDM[7:0] and HRS bits of the HCKR (SHI clock
control register).
The expression for T I2CCP is
T I2CCP = [TC × 2 × (HDM[7:0] + 1) × (7 × (1 – HRS) + 1)]
Eqn. 1
where
— HRS is the prescaler rate select bit. When HRS is cleared, the fixed
divide-by-eight prescaler is operational. When HRS is set, the prescaler is bypassed.
— HDM[7:0] are the divider modulus select bits. A divide ratio from 1 to 256 (HDM[7:0] = $00 to $FF) may be
selected.
In I2C mode, the user may select a value for the programmed serial clock cycle from
6
× TC (if HDM[7:0] = $02 and HRS = 1)
Eqn. 2
to
4096
× TC (if HDM[7:0] = $FF and HRS = 0)
Eqn. 3
The programmed serial clock cycle (TI2CCP) should be chosen in order to achieve the desired SCL serial clock cycle (TSCL), as
shown in next.
TI2CCP + 3 × TC + 45ns + TR
(Nominal, SCL Serial Clock Cycle (TSCL) generated as master)
Eqn. 4
60
HREQ in assertion to first SCL edge
• Filters bypassed
• Very Narrow filters enabled
• Narrow filters enabled
• Wide filters enabled
TAS;RQI
4327
4317
4282
4227
—
—
—
—
927
917
877
827
—
—
—
—
ns
ns
ns
ns
61
First SCL edge to HREQ is not asserted
(HREQ in hold time.)
tHO;RQI
0.0
—
0.0
—
ns
Note:
1. VCORE_VDD = 1.00± 0.05 V; TJ = –40° C to 100° C, CL = 50 pF
2. Pull-up resistor: R P (min) = 1.5 k
Ω
3. Capacitive load: C b (max) = 50 pF
5. All times assume noise free inputs
5. All times assume internal clock frequency of 200 MHz
6. SHI_1 specs match those of SHI
7. The numbers listed are based on the module/pad design and its characteristics during output. The module is compliant with
I2C standard, so the module should receive I2C bus compliant signal without any issue.
Table 10. SHI I2C Protocol Timing (Continued)
Standard I2C
No.
Characteristics1,2,3,4,5
Symbol/
Expression
Standard
Fast-Mode
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com