Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button DSPB56725AF Datasheet HTML 40Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 41Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 42Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 43Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 44Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 45Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 46Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 47Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 48Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
44
Figure 35. 80-Pin Package Outline Drawing (continued)
FIGURE NOTES:
1 Dimensioning and tolerancing per ASME Y.14.5M–1994.
2 Controlling dimension: millimeter.
3 Data plane H is located at the bottom of lead and is coincident with the lead where the lead exits the plastic body at the bottom
of the parting line.
4 Datum E, F and to be determined at datum plane H.
5 Dimensions to be determined at seating plane C.
6 Dimensions do not include mold protrusion. Allowable protrusion is 0.25 mm per side. Dimensions include mold mismatch and
are determined at datum plane H.
7 Dimension does not include dambar protrusion Dambar protrusion shall not cause the lead width to exceed 0.46 mm. Minimum
space between protrusion and adjacent lead or protrusion is 0.07mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com