Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button DSPB56725AF Datasheet HTML 3Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 4Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 5Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 6Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 7Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 8Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 9Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 10Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
7
For correct operation of the internal power-on reset logic, the Core_VDD ramp rate (Tr) to full supply must be less than 10 ms,
as shown in Figure 4.
Figure 5. Ensure Correct Operation of Power-On Reset with Fast Ramp of Core_VDD
1.1.4
DC Electrical Characteristics
Table 4. DC Electrical Characteristics
Characteristics
Symbol
Min
Typ
Max
Unit
Core Supply voltages
• Fsys < 200 MHz
• Fsys < 250 MHz
VCORE_VDD,
VPLLD_VDD
0.95
1.14
1.0
1.2
1.05
1.26
V
IO Supply voltages
VIO_VDD,
VPLLP_VDD,
VPLLA_VDD
3.14
3.3
3.45
V
Input high voltage
VIH
2.0
—
VIO_VDD +2V
V
Note: To avoid a high current condition and possible system damage, all 3.3-V and 2.5-V supplies must rise before the 1.0-V
supplies rise.
Input low voltage
VIL
–0.3
—
0.8
V
Input leakage current
IIN
——
± 80
μA
Clock pin Input Capacitance (EXTAL)
CIN
—2.057
—
pF
High impedance (off-state) input current (@ 3.3 V or
0V)
ITSI
–10
—
10
μA
Output high voltage
IOH = –12 mA
LSYNC_OUT, LALE, LCLK Pins IOH = –16 mA,
TDO Pin IOH = –24 mA
VOH
2.4
—
—
V
Output low voltage
IOL = 12 mA
LSYNC_OUT, LALE, LCLK Pins IOL = 16 mA,
TDO Pins IOL = 24 mA
VOL
——
0.4
V
Internal pull-up resistor
RPU
63
92
142
k
Ω
Internal pull-down resistor
RPD
57
91
159
k
Ω
Internal supply current1 (core only) operating at
Fsys < 200 MHz
• In Normal mode
ICCI
—90
280
mA
• In Wait mode
ICCW
—60
250
mA
Core_VDD
Tr must be < 10 ms
0V
1.0 V
Tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com