Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button DSPB56725AF Datasheet HTML 12Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 13Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 14Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 15Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 16Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 17Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 18Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 19Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
16
36
First SCK sampling edge to HREQ output
deassertion
Slave
Bypassed
—
45
—
ns
Very Narrow
—
55
—
ns
Narrow
—
95
—
ns
Wide
—
145
—
ns
37
Last SCK sampling edge to HREQ output
not deasserted (CPHA = 1)
Slave
Bypassed
—
50.0
—
ns
Very Narrow
—
60.0
—
ns
Narrow
—
100.0
—
ns
Wide
—
150.0
—
ns
38
SS deassertion to HREQ output not
deasserted (CPHA = 0)
Slave
—
—
45.0
—
ns
39
SS deassertion pulse width (CPHA = 0)
Slave
—
TC + 6
11.0
—
ns
40
HREQ in assertion to first SCK edge
Master
—
0.5
× TSPICC
+ 3.0
× TC + 43
96.0
—
ns
41
HREQ in deassertion to last SCK sampling
edge (HREQ in set-up time) (CPHA = 1)
Master
—
—
0
—
ns
42
First SCK edge to HREQ in not asserted
(HREQ in hold time)
Master
—
—
0
—
ns
43
HREQ assertion width
Master
—
3.0
× TC
15
—
ns
Note:
1. 0.95 V < VVDD_CORE < 1.05 V and TJ < 100° C, CL = 50 pF
2. Periodically sampled, not 100% tested
3. All times assume noise free inputs.
4. All times assume internal clock frequency of 200 MHz.
5. SHI_1 specs match those of SHI
6. Slave timings should equal the serial clock high period + the serial clock low period.
Table 9. Serial Host Interface SPI Protocol Timing (Continued)
No.
Characteristics1,3,4
Mode
Filter Mode
Expression
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com