Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button DSPB56725AF Datasheet HTML 28Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 29Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 30Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 31Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 32Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 33Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 34Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 35Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
32
1.2.8
S/PDIF Timing
Table 15 lists the S/PDIF timing.
Figure 25 shows the SRCK timing diagram.
Figure 25. SRCK Timing
Figure 26 shows the STCLK timing diagram.
Figure 26. STCLK Timing
Table 15. S/PDIF Timing
Characteristics
Symbol
All Frequency
Unit
Min
Max
SPDIFIN1, SPDIFIN2, SPDIFIN3, SPDIFIN4 Skew:
asynchronous inputs, no specs apply
——
0.7
ns
SPDIFOUT1,SPDIFOUT2 output (Load = 50pf)
•Skew
• Transition Rising
• Transition Falling
—
—
—
—
—
—
1.5
24.2
31.3
ns
SPDIFOUT1, SPDIFOUT2 output (Load = 30pf)
•Skew
• Transition Rising
• Transition Falling
—
—
—
—
—
—
1.5
13.6
18.0
ns
SRCK period
srckp
40.0
—
ns
SRCK high period
srckph
16.0
—
ns
SRCK low period
srckpl
16.0
—
ns
STCLK period
stclkp
40.0
—
ns
STCLK high period
stclkph
16.0
—
ns
STCLK low period
stclkpl
16.0
—
ns
SRCK
(Output)
VM
VM
srckp
srckph
srckpl
STCLK
(Input)
VM
VM
stclkp
stclkph
stclkpl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com