Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button DSPB56725AF Datasheet HTML 33Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 34Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 35Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 36Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 37Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 38Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 39Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 40Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
37
Figure 29 shows the EMC signals diagram, with EMC PLL bypassed.
Figure 29. EMC Signals (EMC PLL Bypassed; LRCC[CLKDIV] = 8)
Output setup from LCLK (except LAD[23:0] and LALE)
Tout_s
19
—
ns
Output hold from LCLK (except LAD[23:0] and LALE)
Tout_h
18
—
ns
LAD[23:0] output setup from LCLK
Tad_s
18
—
ns
LAD[23:0] output hold from LCLK
Tad_h
17
—
ns
LCLK to output high impedance for LAD[23:0]
Tad_z
—17.1
ns
Note:
1. Negative hold time means the signal could be invalid before LCLK raising edge.
Table 18. EMC Timing Parameters (EMC PLL Bypassed; LRCC[CLKDIV] = 8)
Parameter
Symbol
Min
Max
Unit
Tin_s
Tin_h
LGTA
asynchronous input
LA[2:0]/LBCTL/LCS[7:0]
LOE/LWE
LCKE/LSDA10/LSDDQM
LGPL[5:0]
Output Signals
LCLK
LAD[23:0] (data)
Tclk
LUPWAIT
asynchronous input
Tgta
Tupwait
Tout_s
Tout_h
LALE
Tad_s
Tad_h
LAD[23:0]
Tad_z
LSDWE/LSDRAS/LSDCAS
Tale
Tale_h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com