Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button DSPB56725AF Datasheet HTML 24Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 25Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 26Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 27Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 28Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 29Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 30Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 31Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
28
Figure 20 shows the ESAI HCKR timing diagram.
Figure 20. ESAI HCKR Timing
1.2.5
GPIO Timing
Table 12 lists the GPIO timing.
Table 12. GPIO Timing
No.
Characteristics1
Expression
Min
Max
Unit
100
Fsys edge to GPIO out valid (GPIO out delay time)2
——
7
ns
101
Fsys edge to GPIO out not valid (GPIO out hold time)2
——
7
ns
102
Fsys In valid to EXTAL edge (GPIO in set-up time)2
—2
—
ns
103
Fsys edge to GPIO in not valid (GPIO in hold time)2
—0
—
ns
104
Minimum GPIO pulse high width
2
× TC
10
—
ns
105
Minimum GPIO pulse low width
2
× TC
10
—
ns
106
GPIO out rise time
—
—
13.0
ns
107
GPIO out fall time
—
—
13.0
ns
Note:
1. 0.95 V < VVDD_CORE < 1.05 V and Tj < 100° C, CL = 50 pF
2. Simulation numbers-subject to change.
HCKR
SCKR (output)
97
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com