Electronic Components Datasheet Search
  English  ▼

X  

DSPB56725AF Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # DSPB56725AF
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56725AF Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  DSPB56725AF Datasheet HTML 1Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 2Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 3Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 4Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 5Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 6Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 7Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 8Page - Freescale Semiconductor, Inc DSPB56725AF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
5
Table 2 lists the maximum ratings.
Table 2. Maximum Ratings
Rating1
Symbol
Value1, 2
Unit
Supply Voltage
VCORE_VDD, VPLLD_VDD
–0.3 to + 1.26
V
VPLLP_VDD, VIO_VDD,
VIO_VDD_25, VPLLA_VDD
–0.3 to + 4.0
V
Maximum CORE_VDD power supply ramp time
Tr
10
ms
Input Voltage per pin excluding VDD and GND
VIN
GND – 0.3 to 5.5 V
V
Current drain per pin excluding VDD and GND (Except for pads listed below)
I
12
mA
LSYNC_OUT
Ilsync_out
5mA
LCLK
Ilclk
5mA
LALE
Iale
5mA
TDO
IJTAG
12
mA
Operating temperature range
• Fsys < 200 MHz
• Fsys < 250 MHz
TJ
–40 to +100
0 to 90
°C
Storage temperature
TSTG
–65 to +150
°C
ESD protected voltage (Human Body Model)
—
2000
V
ESD protected voltage (Charged Device Model)
• All pins
• Corner pins
—
500
750
V
Note:
1. GND = 0 V, TJ = –40° C to 100° C, CL = 50 pF
2. Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond
the maximum rating may affect device reliability or cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com