Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 43 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 43 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 39Page - Semtech Corporation ACS8525AP Datasheet HTML 40Page - Semtech Corporation ACS8525AP Datasheet HTML 41Page - Semtech Corporation ACS8525AP Datasheet HTML 42Page - Semtech Corporation ACS8525AP Datasheet HTML 43Page - Semtech Corporation ACS8525AP Datasheet HTML 44Page - Semtech Corporation ACS8525AP Datasheet HTML 45Page - Semtech Corporation ACS8525AP Datasheet HTML 46Page - Semtech Corporation ACS8525AP Datasheet HTML 47Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 43
www.semtech.com
Address (hex):
03
Register Name test_register1
Description
(R/W) Register containing various
test controls (not normally used).
Default Value
0001 0100
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
phase_alarm
disable_180
resync_analog
Set to 0
8k Edge Polarity Set to 0
Set to 0
Bit No.
Description
Bit Value
Value Description
7
phase_alarm (phase alarm (R/O))
Instantaneous result from DPLL1.
0
1
DPLL1 reporting phase locked.
DPLL1 reporting phase lost.
6
disable_180
Normally the DPLL will try to lock to the nearest
edge (±180
°) for the first 2 seconds when locking to
a new reference. If the DPLL does not determine
that it is phase locked after this time, then the
capture range reverts to ±360
°, which corresponds
to frequency and phase locking. Forcing the DPLL
into frequency locking mode may reduce the time to
frequency lock to a new reference by up to two
seconds. However, this may cause an unnecessary
phase shift of up to 360
° when the new and old
references are very close in frequency and phase.
0
1
DPLL1 automatically determines frequency lock
enable.
DPLL1 forced to always frequency and phase lock.
5Not used.
-
-
4
resync_analog (analog dividers re-synchronization)
The analog output dividers include a
synchronization mechanism to ensure phase lock at
low frequencies between the input and the output.
0
1
Analog divider only synchronized during first 2
seconds after power-up.
Analog dividers always synchronized.This keeps the
clocks divided down from the APLL output, in sync
with equivalent frequency digital clocks in the DPLL.
Hence ensuring that 6.48 MHz output clocks, and
above, are in sync with the DPLL even though only a
77.76 MHz clock drives the APLL.
3
Set to 0
Test Control. Leave unchanged or set to 0.
0-
2
8k Edge Polarity
When lock 8k mode is selected for the current input
SEC, this bit allows the system to lock on either the
rising or the falling edge of the input clock.
0
1
Lock to falling clock edge.
Lock to rising clock edge.
1
Set to 0
Test Control. Leave unchanged or set to 0.
0-
0
Set to 0
Test Control. Leave unchanged or set to 0.
0-
Address (hex):
04
test_register2
Do not use. Only zero should be written to this address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com