Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 28 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 28 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 24Page - Semtech Corporation ACS8525AP Datasheet HTML 25Page - Semtech Corporation ACS8525AP Datasheet HTML 26Page - Semtech Corporation ACS8525AP Datasheet HTML 27Page - Semtech Corporation ACS8525AP Datasheet HTML 28Page - Semtech Corporation ACS8525AP Datasheet HTML 29Page - Semtech Corporation ACS8525AP Datasheet HTML 30Page - Semtech Corporation ACS8525AP Datasheet HTML 31Page - Semtech Corporation ACS8525AP Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 28
www.semtech.com
98.816 MHz
DPLL2-16DS1
24.704
101
0 (DPLL2 enabled)
XX
<0.5
274.944 MHz
DPLL2-E3
68.736
(2*34.368)
110
0 (DPLL2 enabled)
XX
<0.5
178.944 MHz
DPLL2-DS3
44.736
111
0 (DPLL2 enabled)
XX
<0.5
98.304 MHz
DPLL1-12E1
-
XXX
1 (DPLL1 enabled)
00
<2
131.072 MHz
DPLL1-16E1
-
XXX
1 (DPLL1 enabled)
01
<2
148.224 MHz
DPLL1-24DS1
-
XXX
1 (DPLL1 enabled)
10
<2
98.816 MHz
DPLL1-16DS1
-
XXX
1 (DPLL1 enabled)
11
<2
Table 10 APLL2 Frequencies (cont...)
APLL2
Frequency
DPLL Mode
DPLL2 Forward
DFS Frequency
(MHz)
DPLL2 Freq Control
Register Bits
Reg. 64 Bits [2:0]
APLL2 Input from
DPLL1 or 2.
Reg. 65 Bit 6
DPLL1 + Synthesis
Freq to APLL2
Register Bits
Reg. 65 Bits [5:4]
Output Jitter
Level ns (p-p)
Table 11 O1 and O2 Output Frequency Selection
Output Frequency for given “Value in Register” for each Output Port’s Cnf_output_frequency Register
Value in Register
Output O2
Reg. 61 Bits [3:0]
Output O1
Reg. 62 Bits [7:4]
0000
Off
Off
0001
2 kHz
2 kHz
0010
8 kHz
8 kHz
0011
Digital2
APLL1/2
0100
Digital1
Digital1
0101
APLL1/48
APLL1/1
0110
APLL1/16
APLL1/16
0111
APLL1/12
APLL1/12
1000
APLL1/8
APLL1/8
1001
APLL1/6
APLL1/6
1010
APLL1/4
APLL1/4
1011
APLL2/64
APLL2/64
1100
APLL2/48
APLL2/48
1101
APLL2/16
APLL2/16
1110
APLL2/8
APLL2/8
1111
APLL2/4
APLL2/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com