Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 32 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 32 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 28Page - Semtech Corporation ACS8525AP Datasheet HTML 29Page - Semtech Corporation ACS8525AP Datasheet HTML 30Page - Semtech Corporation ACS8525AP Datasheet HTML 31Page - Semtech Corporation ACS8525AP Datasheet HTML 32Page - Semtech Corporation ACS8525AP Datasheet HTML 33Page - Semtech Corporation ACS8525AP Datasheet HTML 34Page - Semtech Corporation ACS8525AP Datasheet HTML 35Page - Semtech Corporation ACS8525AP Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 32
www.semtech.com
Pre-locked2 Mode
This state is very similar to the Pre-locked state. It is
entered from the Digital Holdover state when an input
SEC has been selected and applied to the phase locked
loop. It is also entered if the device is operating in
Revertive mode and a higher-priority SEC is restored.
Upon applying a SEC to the phase locked loop, the
ACS8525A will enter the Locked state in a maximum of
100 seconds, as defined by GR-1244-CORE[13]
specification, if the selected SEC is of good quality. If the
device cannot achieve lock within 100 seconds, it reverts
to Digital Holdover mode and another SEC is selected.
Local Oscillator Clock
The Master system clock on the ACS8525A should be
provided by an external clock oscillator of frequency
12.800 MHz. Wander on the local oscillator clock will not
have a significant effect on the output clock whilst in
Locked mode. In Free-Run or Holdover mode wander on
the crystal is more significant. Variation in crystal
temperature or supply voltage both cause drifts in
operating frequency, as does ageing. These effects must
be limited by careful selection of a suitable component for
the local oscillator. Please contact Semtech for
information on crystal oscillator suppliers.
Crystal Frequency Calibration
The absolute crystal frequency accuracy is less important
than the stability since any frequency offset can be
compensated by adjustment of register values in the IC.
This allows for calibration and compensation of any
crystal frequency variation away from its nominal value.
± 50 ppm adjustment would be sufficient to cope with
most crystals, in fact the range is an order of magnitude
larger due to the use of two 8-bit register locations. The
setting of the cnfg_nominal_frequency register allows for
this adjustment. An increase in the register value
increases the output frequencies by 0.0196229 ppm for
each LSB step.
Note...The default register value (in decimal) = 39321
(9999 hex) = 0 ppm offset. The minimum to maximum offset
range of the register is 0 to 65535 (dec), giving an adjustment
range of -771 ppm to +514 ppm of the output frequencies, in
0.0196229 ppm steps.
Example: If the crystal was oscillating at 12.800 MHz + 5 ppm,
then the calibration value in the register to give a - 5 ppm
adjustment in output frequencies to compensate for the
crystal inaccuracy, would be:
39321 - (5 / 0.0196229) = 39066 (dec) = 989A (hex).
Status Reporting and Phase Measurement
Input Status Interrupts
Status interrupts are provided for the following events:
Changed status on SEC input (one interrupt per input)
(Reg. 05)
Change of Operating mode (Reg. 06)
DPLL1 Main reference Failure (Reg. 06)
Frame Sync alarm limit reached (Reg. 08)
These interrupts are flagged on pin INTREQ.
Input Status Information
Status information can be read from the following Status
Registers:
sts_operating_mode (Reg. 09)
sts_priority_table (Reg. 0A and 0B)
sts_current_DPLL_frequency (Reg. 0C, 0D, and 07)
sts_sources_valid (Reg. 0E and 0F)
sts_reference_sources (Reg. 11, 12 and 14)
Refer to “Register Map” on page 38 and associated
Register Descriptions for more details.
DPLL Frequency Reporting
The registers sts_current_DPLL_frequency (Reg. 0C, 0D
and 07) report the frequency of DPLL1 or DPLL2 with
respect to the external crystal XO frequency (after
calibration via Reg. 3C, 3D if used). The selection of
DPLL2 or DPLL1 reporting is made via Reg. 4B, Bit 4. The
value is a 19-bit signed number with one LSB
representing 0.0003068 ppm (range of ±80 ppm). This
value is actually the integral path value in the DPLL, and
as such corresponds to an averaged measurement of the
input frequency, with an averaging time inversely
proportional to the DPLL bandwidth setting. Reading this
regularly can show how the currently locked source is
varying in value e.g. due to frequency wander on its input.
The input phase, as seen at the DPLL phase detector, can
be read back from register sts_current_phase, Reg. 77
and 78. DPLL1 or DPLL2 phase detector reporting is
again controlled by Reg. 4B, Bit 4. One LSB corresponds
to 0.707° phase difference. For DPLL1 this will be
reporting the phase difference between the input and the
internal feedback clock. The phase result is internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com