Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 95 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 95 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 91Page - Semtech Corporation ACS8525AP Datasheet HTML 92Page - Semtech Corporation ACS8525AP Datasheet HTML 93Page - Semtech Corporation ACS8525AP Datasheet HTML 94Page - Semtech Corporation ACS8525AP Datasheet HTML 95Page - Semtech Corporation ACS8525AP Datasheet HTML 96Page - Semtech Corporation ACS8525AP Datasheet HTML 97Page - Semtech Corporation ACS8525AP Datasheet HTML 98Page - Semtech Corporation ACS8525AP Datasheet HTML 99Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 95
www.semtech.com
6Sync_OC-N_rates
This allows the selected Sync input to synchronize
the OC-3 derived clocks in order to maintain
alignment between the FrSync output and output
clocks and allow a finer sampling precision of the
selected Sync input of either 19.44MHz or
38.88MHz.
0
1
The OC-N rate clocks are not affected by the
selected Sync input. The selected Sync input is
sampled with a 6.48 MHz precision. 6.48MHz
should be provided as the input reference clock.
Allows the selected Sync input to operate with a
19.44 MHz or 38.88 MHz input clock reference.
Input sampling and output alignment to 19.44 MHz
is used when the current clock input is 19.44 MHz,
otherwise 38.88 MHz sampling precision is used.
[5:4]
Sync_phase_SYNC3
Register to control the sampling of the external Sync
input. Nominally the falling edge of the input is
aligned with the falling edge of the reference clock.
The margin is ±0.5 U.I. (Unit Interval).
00
01
10
11
On target.
0.5 U.I. early.
1 U.I. late.
0.5 U.I. late.
[3:2]
Sync_phase_SYNC2
Register to control the sampling of the external Sync
input. Nominally the falling edge of the input is
aligned with the falling edge of the reference clock.
The margin is ±0.5 U.I. (Unit Interval).
00
01
10
11
On target.
0.5 U.I. early.
1 U.I. late.
0.5 U.I. late.
[1:0]
Sync_phase_SYNC1
Register to control the sampling of the external Sync
input. Nominally the falling edge of the input is
aligned with the falling edge of the reference clock.
The margin is ±0.5 U.I. (Unit Interval).
00
01
10
11
On target.
0.5 U.I. early.
1 U.I. late.
0.5 U.I. late.
Address (hex):
7B (cont...)
Register Name cnfg_sync_phase
Description
(R/W) Register to configure the
behaviour of the synchronisation
for the external frame reference.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
Indep_FrSync/
MFrSync
Sync_OC-N_
rates
Sync_phase_SYNC3
Sync_phase_SYNC2
Sync_phase_SYNC1
Bit No.
Description
Bit Value
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com