Electronic Components Datasheet Search
  English  ▼

X  

ACS8525AP Datasheet(PDF) 97 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 97 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 93Page - Semtech Corporation ACS8525AP Datasheet HTML 94Page - Semtech Corporation ACS8525AP Datasheet HTML 95Page - Semtech Corporation ACS8525AP Datasheet HTML 96Page - Semtech Corporation ACS8525AP Datasheet HTML 97Page - Semtech Corporation ACS8525AP Datasheet HTML 98Page - Semtech Corporation ACS8525AP Datasheet HTML 99Page - Semtech Corporation ACS8525AP Datasheet HTML 100Page - Semtech Corporation ACS8525AP Datasheet HTML 101Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 97
www.semtech.com
2Interrupt GPO_en
(Interrupt General Purpose Output). If the interrupt
output pin is not required, then setting this bit will
allow the pin to be used as a general purpose
output. The pin will be driven to the state of the
polarity control bit, int_polarity.
0
1
Interrupt output pin used for interrupts.
Interrupt output pin used for GPO purpose.
1Interrupt tristate_en
The interrupt can be configured to be either
connected directly to a processor, or wired together
with other sources.
0
1
Interrupt pin always driven when inactive.
Interrupt pin only driven when active, high-
impedance when inactive.
0Interrupt int_polarity
The interrupt pin can be configured to be active
High or Low.
0
1
Active Low - pin driven Low to indicate active
interrupt.
Active High - pin driven High to indicate active
interrupt.
Address (hex):
7E
Register Name cnfg_protection
Description
(R/W) Protection register to
protect against erroneous
software writes.
Default Value
1000 0101
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
protection_value
Bit No.
Description
Bit Value
Value Description
[7:0]
protection_value
This register can be used to ensure that the
software writes a specific value to this register,
before being able to modify any other register in the
device. Three modes of protection are offered,
(i) protected,
(ii) fully unprotected,
(iii) single unprotected.
When protected, no other register in the device can
be written to. When fully unprotected, any writeable
register in the device can be written to. When single
unprotected, only one register can be written before
the device automatically re-protects itself.
Note...This register cannot be protected.
0000 0000 –
1000 0100
1000 0101
1000 0110
1000 0111 –
1111 1111
Protected mode.
Fully unprotected.
Single unprotected.
Protected mode.
Address (hex):
7D (cont...)
Register Name cnfg_interrupt
Description
(R/W) Register to configure
interrupt output.
Default Value
0000 0010
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
Interrupt
GPO_en
Interrupt
tristate_en
Interrupt
int_polarity
Bit No.
Description
Bit Value
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com